Electronic Components Datasheet Search
  English  ▼

X  

EL2250CS Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2250CS
Description  125MHz Single Supply Dual/Quad Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2250CS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL2250CS Datasheet HTML 2Page - Intersil Corporation EL2250CS Datasheet HTML 3Page - Intersil Corporation EL2250CS Datasheet HTML 4Page - Intersil Corporation EL2250CS Datasheet HTML 5Page - Intersil Corporation EL2250CS Datasheet HTML 6Page - Intersil Corporation EL2250CS Datasheet HTML 7Page - Intersil Corporation EL2250CS Datasheet HTML 8Page - Intersil Corporation EL2250CS Datasheet HTML 9Page - Intersil Corporation EL2250CS Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN7061.2
June 7, 2005
Typical Performance Curves (Continued)
3dB Bandwidth vs Supply Voltage
for Non-Inverting Gains
Frequency Response for Various
Supply Voltages, AV = + 1
PSSR and CMRR vs Frequency
PSRR and CMRR vs Die
Temperature
Frequency Response for Various
Supply Voltages, AV = + 2
3dB Bandwidth vs Supply Voltage
for Inverting Gains
Open Loop Gain and Phase vs
Frequency
Open Loop Voltage Gain vs Die
Temperature
Closed Loop Output Impedance vs
Frequency
EL2250, EL2450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com