Electronic Components Datasheet Search
  English  ▼

X  

EL2250CS Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL2250CS
Description  125MHz Single Supply Dual/Quad Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2250CS Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL2250CS Datasheet HTML 7Page - Intersil Corporation EL2250CS Datasheet HTML 8Page - Intersil Corporation EL2250CS Datasheet HTML 9Page - Intersil Corporation EL2250CS Datasheet HTML 10Page - Intersil Corporation EL2250CS Datasheet HTML 11Page - Intersil Corporation EL2250CS Datasheet HTML 12Page - Intersil Corporation EL2250CS Datasheet HTML 13Page - Intersil Corporation EL2250CS Datasheet HTML 14Page - Intersil Corporation EL2250CS Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
FN7061.2
June 7, 2005
Short Circuit Current Limit
The EL2250/EL2450 have internal short circuit protection
circuitry that protect it in the event of its output being shorted
to either supply rail. This limit is set to around 100mA
nominally and reduces with increasing junction temperature.
It is intended to handle temporary shorts. If an output is
shorted indefinitely, the power dissipation could easily
increase such that the part will be destroyed. Maximum
reliability is maintained if the output current never exceeds
±90mA. A heat sink may be required to keep the junction
temperature below absolute maximum when an output is
shorted indefinitely.
Power Dissipation
With the high output drive capability of the EL2250/EL2450,
it is possible to exceed the 150°C Absolute Maximum
junction temperature under certain load current conditions.
Therefore, it is important to calculate the maximum junction
temperature for the application to determine if power-supply
voltages, load conditions, or package type need to be
modified for the EL2250/EL2450 to remain in the safe
operating area.
The maximum power dissipation allowed in a package is
determined according to [1]:
where:
TJMAX = Maximum Junction Temperature
TAMAX = Maximum Ambient Temperature
θJA = Thermal Resistance of the Package
PDMAX = Maximum Power Dissipation in the Package.
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the load, or
[2]:
where:
N = Number of amplifiers
VS = Total Supply Voltage
ISMAX = Maximum Supply Current per amplifier
VOUT = Maximum Output Voltage of the Application
RL = Load Resistance tied to Ground
If we set the two PDMAX equations, [1] & [2], equal to each
other, and solve for VS, we can get a family of curves for
various loads and output voltages according to [3]:
Figures 3 through 6 below show total single supply voltage
VS vs. RL for various output voltage swings for the PDIP and
SO packages. The curves assume WORST CASE
conditions of TA = +85°C and IS = 6.5mA per amplifier.
FIGURE 2.
PDMAX
TJMAX TAMAX
–
θ
JA
---------------------------------------------
=
PDMAX
NVs ISMAX VS VOUT
–
()
VOUT
RL
----------------
×
+
×



×
=
VS
RL TJMAX TAMAX
–
()
×
N
θ
JA
×
---------------------------------------------------------------
VOUT
()
+
IS RL
×
() V
OUT
+
-------------------------------------------------------------------------------------------
=
EL2250, EL2450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com