Electronic Components Datasheet Search
  English  ▼

X  

MB90598G Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB90598G
Description  CMOS 16-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90598G Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB90598G Datasheet HTML 9Page - Cypress Semiconductor MB90598G Datasheet HTML 10Page - Cypress Semiconductor MB90598G Datasheet HTML 11Page - Cypress Semiconductor MB90598G Datasheet HTML 12Page - Cypress Semiconductor MB90598G Datasheet HTML 13Page - Cypress Semiconductor MB90598G Datasheet HTML 14Page - Cypress Semiconductor MB90598G Datasheet HTML 15Page - Cypress Semiconductor MB90598G Datasheet HTML 16Page - Cypress Semiconductor MB90598G Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Document Number: 002-07700 Rev. *B
Page 13 of 52
MB90595G Series
(12) Initialization
The device contains internal registers which are initialized only by a power-on reset. To initialize these registers, please turn on the
power again.
(13) Directions of “DIV A, Ri” and “DIVW A, RWi” instructions
In the signed multiplication and division instructions (“DIV A, Ri” and “DIVW A, RWi”), the value of the corresponding bank register
(DTB, ADB, USB, SSB) is set in “00H”.
If the values of the corresponding bank register (DTB,ADB,USB,SSB) are set to other than “00H”, the remainder by the execution
result of the instruction is not stored in the register of the instruction operand.
(14) Using REALOS
The use of EI2OS is not possible with the REALOS real time operating system.
(15) Caution on Operations during PLL Clock Mode
If the PLL clock mode is selected in the microcontroller, it may attempt to continue the operation using the free-running frequency of
the automatic oscillating circuit in the PLL circuitry even if the oscillator is out of place or the clock input is stopped. Performance of
this operation, however, cannot be guaranteed.
Oscillation setting time
Power-on reset
Vcc (Power-supply pin)
PONR (power-on reset) signal
RST (external asynchronous reset) signal
RST (internal reset) signal
Oscillation clock signal
KA (internal operation clock A) signal
KB (internal operation clock B) signal
PORT (port output) signal
High-impedance
*1:Power-on reset time: Period of “clock frequency
217” (Clock frequency of 16 MHz: 8.19 ms)
*2:Oscillation setting time: Period of “clock frequency
218” (Clock frequency of 16 MHz: 16.38ms)
RST pin is “L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com