Electronic Components Datasheet Search
  English  ▼

X  

MB90598G Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB90598G
Description  CMOS 16-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90598G Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB90598G Datasheet HTML 17Page - Cypress Semiconductor MB90598G Datasheet HTML 18Page - Cypress Semiconductor MB90598G Datasheet HTML 19Page - Cypress Semiconductor MB90598G Datasheet HTML 20Page - Cypress Semiconductor MB90598G Datasheet HTML 21Page - Cypress Semiconductor MB90598G Datasheet HTML 22Page - Cypress Semiconductor MB90598G Datasheet HTML 23Page - Cypress Semiconductor MB90598G Datasheet HTML 24Page - Cypress Semiconductor MB90598G Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Document Number: 002-07700 Rev. *B
Page 21 of 52
MB90595G Series
(Continued)
Address
Register
Abbreviation
Access
Peripheral
Initial value
1910H
Reload Register L
PRLL8
R/W
16-bit Programmable Pulse
Generator 8/9
XXXXXXXXB
1911H
Reload Register H
PRLH8
R/W
XXXXXXXXB
1912H
Reload Register L
PRLL9
R/W
XXXXXXXXB
1913H
Reload Register H
PRLH9
R/W
XXXXXXXXB
1914H
Reload Register L
PRLLA
R/W
16-bit Programmable Pulse
Generator A/B
XXXXXXXXB
1915H
Reload Register H
PRLHA
R/W
XXXXXXXXB
1916H
Reload Register L
PRLLB
R/W
16-bit Programmable Pulse
Generator A/B
XXXXXXXXB
1917H
Reload Register H
PRLHB
R/W
XXXXXXXXB
1918H to 191FH
Reserved
1920H
Input Capture Register 0
(low-order)
IPCP0
R
Input Capture 0/1
XXXXXXXXB
1921H
Input Capture Register 0
(high-order)
IPCP0
R
XXXXXXXXB
1922H
Input Capture Register 1
(low-order)
IPCP1
R
XXXXXXXXB
1923H
Input Capture Register 1
(high-order)
IPCP1
R
XXXXXXXXB
1924H
Input Capture Register 2
(low-order)
IPCP2
R
Input Capture 2/3
XXXXXXXXB
1925H
Input Capture Register 2
(high-order)
IPCP2
R
XXXXXXXXB
1926H
Input Capture Register 3
(low-order)
IPCP3
R
XXXXXXXXB
1927H
Input Capture Register 3
(high-order)
IPCP3
R
XXXXXXXXB
1928H
Output Compare Register 0
(low-order)
OCCP0
R/W
Output Compare 0/1
XXXXXXXXB
1929H
Output Compare Register 0
(high-order)
OCCP0
R/W
XXXXXXXXB
192AH
Output Compare Register 1
(low-order)
OCCP1
R/W
XXXXXXXXB
192BH
Output Compare Register 1
(high-order)
OCCP1
R/W
XXXXXXXXB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com