Electronic Components Datasheet Search
  English  ▼

X  

MB90352TESPMC Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB90352TESPMC
Description  F2MC-16LX16-bit Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352TESPMC Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB90352TESPMC Datasheet HTML 9Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 10Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 11Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 12Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 13Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 14Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 15Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 16Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
MB90350E Series
Document Number: 002-04493 Rev. *A
Page 12 of 84
3. Packages and Product Correspondence
: Yes,
: No
Note : Refer to “Package Dimensions” for detail of each package.
Package
MB90V340E-101
MB90V340E-102
MB90V340E-103
MB90V340E-104
MB90351E (S) , MB90351TE (S)
MB90F351E (S) , MB90F351TE (S)
MB90352E (S) , MB90352TE (S)
MB90F352E (S) , MB90F352TE (S)
MB90356E (S) , MB90356TE (S)
MB90F356E (S) , MB90F356TE (S)
MB90357E (S) , MB90357TE (S)
MB90F357E (S) , MB90F357TE (S)
PGA-299C-A01
FPT-64P-M23
(12.0 mm
, 0.65 mm pitch)
FPT-64P-M24
(10.0 mm
, 0.50 mm pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com