Electronic Components Datasheet Search
  English  ▼

X  

MB90352TESPMC Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # MB90352TESPMC
Description  F2MC-16LX16-bit Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352TESPMC Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button MB90352TESPMC Datasheet HTML 20Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 21Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 22Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 23Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 24Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 25Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 26Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 27Page - Cypress Semiconductor MB90352TESPMC Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
MB90350E Series
Document Number: 002-04493 Rev. *A
Page 23 of 84
3.
Using external clock
To use external clock, drive the X0 pin and leave X1 pin open.
4.
Precautions for when not using a sub clock signal
X0A and X1A are oscillation pins for sub clock. If you do not connect pins X0A and X1A to an oscillator, use pull-down handling on
the X0A pin, and leave the X1A pin open.
5.
Notes on during operation of PLL clock mode
On this microcontroller, if in case the crystal oscillator breaks off or an external reference clock input stops while the PLL clock mode
is selected, a self-oscillator circuit contained in the PLL may continue its operation at its self-running frequency. However, Cypress
will not guarantee results of operations if such failure occurs.
6.
Treatment of Power Supply Pins (VCC/VSS)
■ If there are multiple VCC and VSS pins, from the point of view of device design, pins to be of the same potential are connected inside
of the device to prevent malfunction such as latch-up.
To reduce unnecessary radiation, prevent malfunctioning of the strobe signal due to the rise of ground level, and observe the standard
for total output current, be sure to connect the VCC and VSS pins to the power supply and ground externally.
Connect VCC and VSS pins to the device from the current supply source at a possibly low impedance.
■ As a measure against power supply noise, it is recommended to connect a capacitor of about 0.1
F as a bypass capacitor between
VCC and VSS pins in the vicinity of VCC and VSS pins of the device.
7.
Pull-up/down resistors
The MB90350E series does not support internal pull-up/down resistors (Port 0 to Port 3: built-in pull-up resistors). Use external
components where needed.
8.
Crystal oscillator circuit
Noise around the X0/X1, or X0A/X1A pins may cause this device to operate abnormally. In the interest of stable operation it is strongly
recommended that printed circuit artwork places ground bypass capacitors as close as possible to the X0/X1, X0A/X1A and crystal
oscillator (or ceramic oscillator) and that oscillator lines do not cross the lines of other circuits.
X0
X1
MB90350E Series
Open
Vcc
Vss
Vss
Vcc
Vss
Vcc
MB90350E
Series
Vcc
Vss
Vcc
Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com