Electronic Components Datasheet Search
  English  ▼

X  

MB95220H Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB95220H
Description  F2MC-8FX 8-bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95220H Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB95220H Datasheet HTML 35Page - Cypress Semiconductor MB95220H Datasheet HTML 36Page - Cypress Semiconductor MB95220H Datasheet HTML 37Page - Cypress Semiconductor MB95220H Datasheet HTML 38Page - Cypress Semiconductor MB95220H Datasheet HTML 39Page - Cypress Semiconductor MB95220H Datasheet HTML 40Page - Cypress Semiconductor MB95220H Datasheet HTML 41Page - Cypress Semiconductor MB95220H Datasheet HTML 42Page - Cypress Semiconductor MB95220H Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
MB95220H Series
Document Number: 002-07513 Rev. *B
Page 39 of 58
Sampling is executed at the falling edge of the sampling clock*1, and serial clock delay is enabled*2.
(ESCR register:SCES bit = 1, ECCR register:SCDE bit = 1)
(VCC = 5.0 V±10%, VSS = 0.0 V, TA = -40°C to +85°C)
*1:There is a function used to choose whether the sampling of reception data is performed at a rising edge or a falling edge of the
serial clock.
*2: The serial clock delay function is a function that delays the output signal of the serial clock for half clock.
*3: See “13.4.2. Source Clock/Machine Clock” for tMCLK.
Parameter
Symbol
Pin name
Condition
Value
Unit
Min
Max
Serial clock cycle time
tSCYC
SCK
Internal clock
operation output pin:
CL = 80 pF+1 TTL
5 tMCLK*3
—ns
SCK ↓→ SOT delay time
tSLOVI
SCK, SOT
-95
+95
ns
Valid SIN → SCK ↑
tIVSHI
SCK, SIN
tMCLK*3+190
—
ns
SCK ↑→ valid SIN hold time
tSHIXI
SCK, SIN
0
—
ns
SOT → SCK ↑ delay time
tSOVHI
SCK, SOT
—
4 tMCLK*3
ns
0.8 V
2.4 V
2.4 V
tSLOVI
tSOVHI
tIVSHI
tSHIXI
2.4 V
0.8 V
2.4 V
0.8 V
SCK
SOT
SIN
0.8 VCC
0.2 VCC
0.8 VCC
0.2 VCC
tSCYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com