Electronic Components Datasheet Search
  English  ▼

X  

MB95220H Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # MB95220H
Description  F2MC-8FX 8-bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95220H Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button MB95220H Datasheet HTML 19Page - Cypress Semiconductor MB95220H Datasheet HTML 20Page - Cypress Semiconductor MB95220H Datasheet HTML 21Page - Cypress Semiconductor MB95220H Datasheet HTML 22Page - Cypress Semiconductor MB95220H Datasheet HTML 23Page - Cypress Semiconductor MB95220H Datasheet HTML 24Page - Cypress Semiconductor MB95220H Datasheet HTML 25Page - Cypress Semiconductor MB95220H Datasheet HTML 26Page - Cypress Semiconductor MB95220H Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
MB95220H Series
Document Number: 002-07513 Rev. *B
Page 23 of 58
13.3 DC Characteristics
(VCC = 5.0 V±10%, VSS = 0.0 V, TA = -40°C to +85°C)
(Continued)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
"H" level input
voltage
VIHI
P04
*1
0.7 VCC
—VCC+0.3
V
When CMOS input
level (hysteresis input)
is selected
VIHS
P01 to P07, P12,
PF0, PF1,
PG1, PG2
*1
0.8 VCC
—VCC+0.3
V
Hysteresis input
VIHM
PF2
—
0.7 VCC
—
10.5
V
Hysteresis input*3
“L” level input
voltage
VIL
P04
*1
VSS-0.3
—
0.3 VCC
V
When CMOS input
level (hysteresis input)
is selected
VILS
P01 to P07, P12,
PF0, PF1,
PG1, PG2
*1
VSS-0.3
—
0.2 VCC
V
Hysteresis input
VILM
PF2
—
VSS-0.3
—
0.3 VCC
V
Hysteresis input
Open-drain
output
application
voltage
VD
PF2, P12
—
VSS-0.3
—
VSS + 5.5
V
“H” level
output voltage
VOH1
Output pins other
than P05, P06,
P12, PF2
IOH = -4 mA
VCC-0.5
—
—
V
VOH2
P05, P06
IOH = -8 mA
VCC-0.5
—
—
V
“L” level output
voltage
VOL1
Output pins other
than P05, P06
IOL = 4 mA
—
—
0.4
V
VOL2
P05, P06
IOL = 12 mA
—
—
0.4
V
Input leak
current (Hi-Z
output leak
current)
ILI
All input pins
0.0 V < VI < VCC
-5
—
+5
µA
When pull-up
resistance is disabled
Pull-up
resistance
RPULL
P01 to P07, PG1,
PG2
VI = 0 V
25
50
100
kΩ
When pull-up
resistance is enabled
Input
capacitance
CIN
Other than VCC
and VSS
f = 1 MHz
—
5
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com