Electronic Components Datasheet Search
  English  ▼

X  

FELCOM64 Datasheet(PDF) 1 Page - Schurter Inc.

Part # FELCOM64
Description  IEC Appliance Inlet C14 with modular extended Components
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FELCOM64 Datasheet(HTML) 1 Page - Schurter Inc.

  FELCOM64 Datasheet HTML 1Page - Schurter Inc. FELCOM64 Datasheet HTML 2Page - Schurter Inc. FELCOM64 Datasheet HTML 3Page - Schurter Inc. FELCOM64 Datasheet HTML 4Page - Schurter Inc. FELCOM64 Datasheet HTML 5Page - Schurter Inc. FELCOM64 Datasheet HTML 6Page - Schurter Inc. FELCOM64 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Power entry modules without line filter
Felcom 64
https://www.schurter.com /PG05
Connectors
IEC Appliance Inlet C14 with modular extended Components
6421.005X.XX
Appliance inlet
Appliance outlet
6431.005X.XX
Appliance inlet
Switch
Appliance outlet
6432.0X5X.XX
Appliance inlet
Fuseholder
Switch
Appliance outlet
Approvals and Compliances
C14
70° C
F
70° C
Description
- Panel Mount :
Snap-in version , from front side
- 2 - 5 Functions :
Appliance Inlet , Protection class I , Outlet , Line Switch 2-pole , Fu-
seholder for fuse-links 5 x 20 mm 1- or 2-pole , Solder terminals 3.5 x
0.8 mm or quick connect terminals 6.3 x 0.8 mm
Characteristics
- Modular component selection
- Individual components soldered on a printed circuit board
- Plug removal necessary for fuse-link replacement
- Fully insulated from the rear
- Suitable for use in equipment according to IEC/UL 60950
Other versions on request
- Line switch with other rocker marking
References
Alternative: version with line filter Felcom 54
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Accessories, Detailed request for product
Technical Data
Ratings IEC
10 A / 250 VAC; 50 Hz
Ratings UL/CSA
10 A / 125/250 VAC; 60 Hz
Allowable Operation Tempe-
rature
-25 °C to 70 °C
Insulation cover
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Solder terminals 3.5 x 0.8 mm or quick
connect terminals 6.3 x 0.8 mm , tin-
plated
Panel Thickness S
Snap-in: 1/1.2/1.5/2/2.5/3 mm
Material: Housing
Thermoplastic, black, UL 94V-0
appliance inlet/-outlet
C14 acc. to IEC 60320-1
and F acc. to
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I
Fuseholder
1 or 2 pole, Shocksafe category PC2
acc. to IEC 60127-6,
for fuse-links 5 x 20 mm
Rated Power Acceptance @
Ta 23 °C
5 x 20: 2 W (1 pole)/ 1.6 W (2-pole) per
pole
Power Acceptance @ Ta >
23°C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Line Switch
Rocker switch 2-pole, non-illuminated,
IEC 61058-1
Technical Details
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: Felcom
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
Certificate Number: 40028094
UL Approvals
UL
UL File Number: E103791, E96454


Similar Part No. - FELCOM64

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FELCOM64 SCHURTER-FELCOM64 Datasheet
530Kb / 7P
IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64 Datasheet
533Kb / 7P
IEC Appliance Inlet C14 with modular extended Components
08.12.2021
FELCOM64 SCHURTER-FELCOM64_18 Datasheet
530Kb / 7P
IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64_V01 Datasheet
533Kb / 7P
IEC Appliance Inlet C14 with modular extended Components
08.12.2021
More results

Similar Description - FELCOM64

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
54111051101 SCHURTER-54111051101 Datasheet
712Kb / 4P
IEC Appliance Inlet C14 Modular Assembling Options
6421005110 SCHURTER-6421005110 Datasheet
662Kb / 5P
IEC Appliance Inlet C14 with modular extended Components
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
IEC Appliance Inlet C14 with Filter
6048 SCHURTER-6048_18 Datasheet
318Kb / 4P
IEC Appliance Inlet C14
KFS SCHURTER-KFS_17 Datasheet
476Kb / 5P
IEC Appliance Inlet C14 with Filter
FELCOM54 SCHURTER-FELCOM54 Datasheet
560Kb / 8P
IEC Appliance Inlet C14 Modular Assembling Options
FELCOM64 SCHURTER-FELCOM64_18 Datasheet
530Kb / 7P
IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64_V01 Datasheet
533Kb / 7P
IEC Appliance Inlet C14 with modular extended Components
08.12.2021
FELCOM54 SCHURTER-FELCOM54_V01 Datasheet
570Kb / 8P
IEC Appliance Inlet C14 Modular Assembling Options
04.01.2022
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
IEC Appliance Inlet C14 with Filter
04.01.2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com