Electronic Components Datasheet Search
  English  ▼

X  

FELCOM64 Datasheet(PDF) 2 Page - Schurter Inc.

Part # FELCOM64
Description  IEC Appliance Inlet C14 with modular extended Components
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FELCOM64 Datasheet(HTML) 2 Page - Schurter Inc.

  FELCOM64 Datasheet HTML 1Page - Schurter Inc. FELCOM64 Datasheet HTML 2Page - Schurter Inc. FELCOM64 Datasheet HTML 3Page - Schurter Inc. FELCOM64 Datasheet HTML 4Page - Schurter Inc. FELCOM64 Datasheet HTML 5Page - Schurter Inc. FELCOM64 Datasheet HTML 6Page - Schurter Inc. FELCOM64 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Power entry modules without line filter
Felcom 64
https://www.schurter.com /PG05
Connectors
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
IEC 60320-1
Appliance couplers for household and similar general purposes
Designed according to
IEC 60127-6
Miniature fuses. Part 6. Fuse-holders for miniature fuse-links
Designed according to
IEC 61058-1
Switches for appliances. Part 1. General requirements
Designed according to
UL 498
Standard for Attachment Plugs and Receptacles
Designed according to
CSA C22.2 no. 42
General Use Receptacles, Attachment Plugs, and Similar Wiring Devices
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.
Designed for applications acc.
IEC 60601-1
Medical electrical equipment - Part 1: General requirements for basic
safety and essential performance
Designed for applications acc.
IEC 60335-1
Safety of electrical appliances for household and similar purposes. Meets
the requirements for appliances in unattended use. This includes the en-
hanced requirements of glow wire tests acc. to IEC 60695-2-12 and -13.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Medical Equipment
SCHURTER AG
Suitable for use in medical equipment according to IEC/UL 60601-1
Dimensions [mm]
55.0
A
1)
Variants 6421.005X.XX
Mounting hole: 53.6+0,2 x 27.6+0,2
A: Quick-connect terminal 6.3x0.8 mm: 17.1 mm
A: Solder terminal 3.5x0.8 mm: 12.3 mm
47.9
A
1)
Variants 6422.005X.XX
Mounting hole: 46.7+0,2 x 27.6+0,2
A: Quick-connect terminal 6.3x0.8 mm: 18.1 mm
A: Solder terminal 3.5x0.8 mm: 13.3 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com