Electronic Components Datasheet Search
  English  ▼

X  

PE44582 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44582
Description  75 Ohm F Male Connector Crimp/Solder Attachment for PE-B159, 1855A, Mini 59
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44582 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44582 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44582 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44582 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
75 Ohm F Male Connector Crimp/Solder Attachment for PE-B159, 1855A, Mini 59 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Male Connector Crimp/Solder Attachment for PE-B159, 1855A, Mini 59 PE44582
URL: https://www.pasternack.com/f-male-standard-pe-b159-connector-pe44582-p.aspx
PE44582 REV 1.2
RF Connectors Technical Data Sheet
PE44582
75 Ohm F Male Connector Crimp/Solder
Attachment for PE-B159, 1855A, Mini 59



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com