Electronic Components Datasheet Search
  English  ▼

X  

PE44582 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44582
Description  75 Ohm F Male Connector Crimp/Solder Attachment for PE-B159, 1855A, Mini 59
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44582 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44582 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44582 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44582 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• F Male Connector
• 75 Ohms
• Straight Body Geometry
• PE-B159, 1855A, Mini 59 Interface Type
• Crimp/Solder Attachment
• 7/16 inch Hex
Features
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
• CATV
.
Description
Pasternack’s PE44582 75 ohm type F male connector with crimp/solder attachment for PE-B159, 1855A and Mini 59 is part
of our full line of RF components available for same-day shipping.
Our 75 ohm type F male connector PE44582 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.23 in [31.24 mm]
Width/Dia.
0.438 in [11.13 mm]
.
Weight
0.023 lbs [10.43 g]
.
Mating Torque
12 to 15 in-lbs [1.36 to 1.70 Nm]
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Nickel
Coupling Nut
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Male Connector Crimp/Solder Attachment for PE-B159, 1855A, Mini 59 PE44582
PE44582 REV 1.2
75 Ohm F Male Connector Crimp/Solder
Attachment for PE-B159, 1855A, Mini 59
RF Connectors Technical Data Sheet
PE44582


Similar Part No. - PE44582

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4458 PASTERNACK-PE4458 Datasheet
230Kb / 3P
TNC Female Connector Crimp - Solder Attachment For RG58
PE44580 PASTERNACK-PE44580 Datasheet
203Kb / 2P
75 Ohm RCA Male Right Angle Connector Compression Attachment For Mini 59, PE-B159
PE44581 PASTERNACK-PE44581 Datasheet
205Kb / 2P
75 Ohm BNC Male Right Angle Connector 75 Ohm BNC Male Right Angle Connector
PE44583 PASTERNACK-PE44583 Datasheet
395Kb / 3P
75 Ohm RCA Male Precision Connector Crimp - Solder Attachment for PE-B159
PE44584 PASTERNACK-PE44584 Datasheet
205Kb / 2P
75 Ohm BNC Male Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
More results

Similar Description - PE44582

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44630 PASTERNACK-PE44630 Datasheet
214Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For Mini 59, PE-B159, High Definition
PE44578 PASTERNACK-PE44578 Datasheet
222Kb / 2P
75 Ohm BNC Male Connector Compression Attachment For Mini 59, PE-B159
PE44584 PASTERNACK-PE44584 Datasheet
205Kb / 2P
75 Ohm BNC Male Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44574 PASTERNACK-PE44574 Datasheet
204Kb / 2P
75 Ohm RCA Male Precision Connector Compression Attachment For Mini 59, PE-B159
PE44576 PASTERNACK-PE44576 Datasheet
216Kb / 2P
75 Ohm RCA Male Connector Compression Attachment For Mini 59, PE-B159
PE44622 PASTERNACK-PE44622 Datasheet
207Kb / 2P
75 Ohm RCA Male Connector Crimp - Solder Attachment For Mini 59, PE-B159
PE44625 PASTERNACK-PE44625 Datasheet
245Kb / 2P
75 Ohm BNC Male Connector Crimp-Solder Attachment For Mini 59, PE-B159
PE44573 PASTERNACK-PE44573 Datasheet
210Kb / 2P
75 Ohm F Male Connector Compression Attachment For Mini 59, PE-B159
PE44579 PASTERNACK-PE44579 Datasheet
207Kb / 2P
75 Ohm F Male Right Angle Connector Compression Attachment For Mini 59, PE-B159
PE44590 PASTERNACK-PE44590 Datasheet
212Kb / 2P
75 Ohm Mini SMB Jack Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com