Electronic Components Datasheet Search
  English  ▼

X  

PE44757 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44757
Description  SMA Male Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44757 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44757 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44757 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44757 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold over Nickel
MIL-G-45204
Insulation
PTFE
Body
Stainless Steel
Gold
MIL-G-45204
Coupling Nut
Passivated Stainless Steel
ASTM-A380
.
Environmental Specifications
Temperature
Operating Range
-55 to +100 deg C
Vibration
MIL-STD-202, Method 204, Condition D (20 G’s)
Salt Spray
MIL-STD-202, Method 101, Condition B, 5% salt solu-
tion
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SMA Male Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL PE44757
URL: https://www.pasternack.com/sma-male-precision-connector-solder-attachment-for-pe-047sr-pe-sr047al-pe-sr047al-p.
aspx
PE44757 REV 1.1
RF Connectors Technical Data Sheet
PE44757
SMA Male Connector Solder Attachment for PE-
047SR, PE-SR047AL, PE-SR047FL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com