Electronic Components Datasheet Search
  English  ▼

X  

PE44757 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44757
Description  SMA Male Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44757 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44757 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44757 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44757 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• 50 Ohms
• Straight Body Geometry
• PE-047SR, PE-SR047AL, PE-SR047FL Interface Type
• Solder/Solder Attachment
• 5/16 inch Hex
Features
• Max. Operating Frequency 27 GHz
• Excellent VSWR of 1.2:1
• Gold over Nickel Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE44757 SMA male connector with solder/solder attachment for PE-047SR, PE-SR047AL and PE-SR047FL is
part of our full line of RF components available for same-day shipping. Our SMA male connector operates up to a maximum
frequency of 27 GHz and offers excellent VSWR of 1.2:1.
Our SMA male connector PE44757 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
27
GHz
VSWR
1.2:1
Insertion Loss
0.26
dB
.
Electrical Specification Notes:
Insertion loss: 0.05 x sqrt(fGHz) dB.
Mechanical Specifications
Size
Length
0.437 in [11.1 mm]
Width/Dia.
0.312 in [7.92 mm]
.
Weight
0.007 lbs [3.18 g]
.
Mating Cycles
500 Cycles
Mating Torque
8 to 10 in-lbs [0.90 to 1.13 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL PE44757
PE44757 REV 1.1
SMA Male Connector Solder Attachment for PE-
047SR, PE-SR047AL, PE-SR047FL
RF Connectors Technical Data Sheet
PE44757


Similar Part No. - PE44757

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4475 PASTERNACK-PE4475 Datasheet
312Kb / 2P
HN Male Connector Clamp-Solder Attachment For RG14, RG217
PE4475 PASTERNACK-PE4475 Datasheet
401Kb / 3P
HN Male Connector Clamp/Solder Attachment
PE4475 PASTERNACK-PE4475_16 Datasheet
401Kb / 3P
HN Male Connector Clamp/Solder Attachment
More results

Similar Description - PE44757

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44335 PASTERNACK-PE44335 Datasheet
261Kb / 2P
1.85mm Male Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44441 PASTERNACK-PE44441 Datasheet
251Kb / 2P
SSMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4410 PASTERNACK-PE4410 Datasheet
221Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4974 PASTERNACK-PE4974 Datasheet
228Kb / 3P
BNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4975 PASTERNACK-PE4975 Datasheet
219Kb / 3P
TNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44459 PASTERNACK-PE44459 Datasheet
215Kb / 2P
MMCX Jack Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4404 PASTERNACK-PE4404 Datasheet
384Kb / 3P
SMA Male Connector Solder Attachment For PE - 047SR, PE-SR047AL, PE-SR047FL
PE4418 PASTERNACK-PE4418 Datasheet
413Kb / 3P
SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE44425 PASTERNACK-PE44425 Datasheet
228Kb / 3P
SSMA Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE45282 PASTERNACK-PE45282 Datasheet
681Kb / 3P
SMA Male Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com