Electronic Components Datasheet Search
  English  ▼

X  

PE44895 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44895
Description  75 Ohm F Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount PCB, IP67 Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44895 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44895 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44895 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44895 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE44895 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
1.3 in [33.02 mm]
Width/Dia.
0.55 in [13.97 mm]
Height
0.61 in [15.49 mm]
.
Weight
0.04 lbs [18.14 g]
.
Mating Cycles
500 Cycles
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Tin
Insulation
PTFE
Body
Zinc
Tin
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Ingress Protection (IP) Rating
IP67 Rated (Unmated)
PE44895 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount
PCB, IP67 Rated PE44895
RF Connectors Technical Data Sheet
PE44895
75 Ohm F Female Right Angle Bulkhead Mount Connector
Solder Attachment Surface Mount PCB, IP67 Rated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com