Electronic Components Datasheet Search
  English  ▼

X  

PE44895 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44895
Description  75 Ohm F Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount PCB, IP67 Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44895 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44895 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44895 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44895 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE44895 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• F Female Connector
• 75 Ohms
• Right Angle Body Geometry
• Surface Mount Interface Type
• Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 2.15 GHz
• Good VSWR of 1.93:1
• Tin Plated Beryllium Copper Contact
• IP67 Rated (Unmated)
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• PCB Applications
• CATV
.
Description
Pasternack’s PE44895 75 ohm type F female right angle bulkhead connector with solder attachment for surface mount PCB is
part of our full line of RF components available for same-day shipping. Our type F female connector operates up to a maximum
frequency of 2.15 GHz and offers good VSWR of 1.93:1. Its right angle body geometry allows for easier connections in tight
spaces. This type F bulkhead connector allows designers to create external connections on their product enclosures, and can
be used in a variety of other rack mount and panel mount applications. The connector has an IP67 rating to protect against
dust and temporary moisture protection under immersion conditions.
Our 75 ohm type F female right angle bulkhead connector PE44895 datasheet specifications and drawing with dimensions are
shown below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to
configure and customize their signal connections however they like. Whether the need is to provide an I/O for a board design,
or simply create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also
expertly build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2.15
GHz
VSWR
1.93:1
Insertion Loss
0.46
dB
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 1
1 to 2.15
GHz
VSWR, Max
1.43:1
1.93:1
Insertion Loss, Max
0.2
0.46
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount
PCB, IP67 Rated PE44895
PE44895 REV 1.1
75 Ohm F Female Right Angle Bulkhead Mount Connector
Solder Attachment Surface Mount PCB, IP67 Rated
RF Connectors Technical Data Sheet
PE44895


Similar Part No. - PE44895

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4489 PASTERNACK-PE4489 Datasheet
259Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE4489 PASTERNACK-PE4489 Datasheet
348Kb / 3P
N Male Bulkhead Mount Connector Solder Attachment
PE44890 PASTERNACK-PE44890 Datasheet
368Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44891 PASTERNACK-PE44891 Datasheet
379Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44892 PASTERNACK-PE44892 Datasheet
383Kb / 3P
TNC Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount PCB IP 67 Rated
More results

Similar Description - PE44895

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44334 PASTERNACK-PE44334 Datasheet
238Kb / 2P
75 Ohm F Female Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .350 inch D Hole
PE44302 PASTERNACK-PE44302 Datasheet
219Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB
PE44892 PASTERNACK-PE44892 Datasheet
383Kb / 3P
TNC Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount PCB IP 67 Rated
PE44893 PASTERNACK-PE44893 Datasheet
361Kb / 3P
RP TNC Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount PCB IP 67 Rated
PE45132 PASTERNACK-PE45132 Datasheet
359Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment for RG178, RG196 IP67 Rated
PE45134 PASTERNACK-PE45134 Datasheet
343Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment Thru Hole PCB IP67 Rated
PE4505 PASTERNACK-PE4505_16 Datasheet
315Kb / 3P
75 Ohm N Female Bulkhead Mount Connector Solder Attachment
PE4506 PASTERNACK-PE4506_16 Datasheet
345Kb / 3P
75 Ohm N Female Bulkhead Mount Connector Solder Attachment
PE4545 PASTERNACK-PE4545_16 Datasheet
349Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment
PE44330 PASTERNACK-PE44330 Datasheet
344Kb / 3P
75 Ohm F Female Bulkhead Mount Connector Solder Attachment Pin Terminal, .380 inch Diameter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com