Electronic Components Datasheet Search
  English  ▼

X  

PE44896 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44896
Description  MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, IP67 Unmated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44896 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44896 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44896 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44896 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Silver
Insulation
PTFE
Body
Brass
Nickel
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Ingress Protection (IP) Rating
IP67 Unmated
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, IP67 Unmated from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, IP67 Unmated
PE44896
URL: https://www.pasternack.com/mhv-female-solder-cup-terminal-connector-pe44896-p.aspx
PE44896 REV 1.1
RF Connectors Technical Data Sheet
PE44896
MHV Female Bulkhead Mount Connector Solder
Attachment Solder Cup Terminal, IP67 Unmated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com