Electronic Components Datasheet Search
  English  ▼

X  

PE44896 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44896
Description  MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, IP67 Unmated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44896 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44896 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44896 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44896 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• MHV Female Connector
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
Features
• Silver Plated Beryllium Copper Contact
• IP67 Unmated
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE44896 MHV female bulkhead connector with solder cup terminal is part of our full line of RF components
available for same-day shipping. This MHV bulkhead connector allows designers to create external connections on their
product enclosures, and can be used in a variety of other rack mount and panel mount applications. The connector has an
IP67 rating to protect against dust and temporary moisture protection under immersion conditions.
Our MHV female bulkhead connector PE44896 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Operating Voltage (AC)
1,650
Vrms
Dielectric Withstanding Voltage (AC)
5,000
Vrms
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
1.56 in [39.62 mm]
Width/Dia.
0.687 in [17.45 mm]
.
Weight
0.04 lbs [18.14 g]
.
Mating Cycles
500 Cycles
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, IP67 Un-
mated PE44896
PE44896 REV 1.1
MHV Female Bulkhead Mount Connector Solder
Attachment Solder Cup Terminal, IP67 Unmated
RF Connectors Technical Data Sheet
PE44896


Similar Part No. - PE44896

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4489 PASTERNACK-PE4489 Datasheet
259Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE4489 PASTERNACK-PE4489 Datasheet
348Kb / 3P
N Male Bulkhead Mount Connector Solder Attachment
PE44890 PASTERNACK-PE44890 Datasheet
368Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44891 PASTERNACK-PE44891 Datasheet
379Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44892 PASTERNACK-PE44892 Datasheet
383Kb / 3P
TNC Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount PCB IP 67 Rated
More results

Similar Description - PE44896

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4193 PASTERNACK-PE4193 Datasheet
257Kb / 3P
MHV Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch DD HOLE
PE4311 PASTERNACK-PE4311 Datasheet
243Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
PE4549 PASTERNACK-PE4549_16 Datasheet
316Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4063 PASTERNACK-PE4063_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4065 PASTERNACK-PE4065_16 Datasheet
355Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4101 PASTERNACK-PE4101_16 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4137 PASTERNACK-PE4137_17 Datasheet
351Kb / 3P
N Female Bulkhead Mount Pressurized Connector Solder Attachment Solder Cup Terminal
PE4193 PASTERNACK-PE4193_16 Datasheet
349Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
PE4240 PASTERNACK-PE4240_16 Datasheet
315Kb / 3P
C Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4312 PASTERNACK-PE4312_16 Datasheet
315Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com