Electronic Components Datasheet Search
  English  ▼

X  

PE45000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45000
Description  7/16 DIN Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .120 inch Diameter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45000 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Brass
Silver
Insulation
PTFE
Body
Brass
Tri-Metal
.
Environmental Specifications
Temperature
Operating Range
-45 to +120 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
7/16 DIN Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .120 inch Diameter from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Stub Terminal,
.120 inch Diameter PE45000
URL: https://www.pasternack.com/7-16-female-standard-connector-pe45000-p.aspx
PE45000 REV 1.1
RF Connectors Technical Data Sheet
PE45000
7/16 DIN Female Low PIM Connector Solder Attachment
4 Hole Flange Mount Stub Terminal, .120 inch Diameter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com