Electronic Components Datasheet Search
  English  ▼

X  

PE45000 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45000
Description  7/16 DIN Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .120 inch Diameter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45000 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45000 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• 7/16 DIN Female Connector
• 50 Ohms
• Straight Body Geometry
• Stub Interface Type
• Solder Attachment
• 4 Hole Flange
• Low PIM Design
Features
• Max. Operating Frequency 7.5 GHz
• Excellent VSWR of 1.15:1
• PIM levels lower than -163 dBc
• Silver Plated Brass Contact
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Wireless Communications
• Low PIM Applications
.
Description
Pasternack’s PE45000 7/16 DIN female 4 hole flange mount low PIM connector with solder attachment stub terminal is
part of our full line of RF components available for same-day shipping. Our 7/16 DIN female connector operates up to a
maximum frequency of 7.5 GHz and offers excellent VSWR of 1.15:1. The 7/16 DIN female connector also has low passive
intermodulation of -163 dBc. This 7/16 DIN 4 hole flange connector allows designers to create external connections on their
product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our 7/16 DIN female 4 hole flange connector PE45000 datasheet specifications and drawing with dimensions are shown
below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure
and customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
7.5
GHz
VSWR
1.15:1
Passive Intermodulation
-163
dBc
using 2x20W tones
.
Mechanical Specifications
Size
Length
1.66 in [42.16 mm]
Width/Dia.
1.14 in [28.96 mm]
.
Weight
0.177 lbs [80.29 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Stub Terminal,
.120 inch Diameter PE45000
PE45000 REV 1.1
7/16 DIN Female Low PIM Connector Solder Attachment
4 Hole Flange Mount Stub Terminal, .120 inch Diameter
RF Connectors Technical Data Sheet
PE45000


Similar Part No. - PE45000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4500 PASTERNACK-PE4500 Datasheet
217Kb / 3P
SHV Jack Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4500 PASTERNACK-PE4500 Datasheet
319Kb / 3P
SHV Jack Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE45001 PASTERNACK-PE45001 Datasheet
402Kb / 3P
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment for LMR-600, PE-C600
PE45002 PASTERNACK-PE45002 Datasheet
446Kb / 3P
N Male Low PIM For RG402, PE-SR402FL
PE45004 PASTERNACK-PE45004 Datasheet
248Kb / 2P
RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG196, RG178
More results

Similar Description - PE45000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4128-SF PASTERNACK-PE4128-SF Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing, .050 inch Diameter
PE4533 PASTERNACK-PE4533 Datasheet
292Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Stub Terminal, .500 inch Hole Spacing
PE4128-SF PASTERNACK-PE4128-SF Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing, .050 inch Diameter
PE4573 PASTERNACK-PE4573 Datasheet
223Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .975 inch Hole Spacing
PE45039 PASTERNACK-PE45039 Datasheet
366Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
PE4573 PASTERNACK-PE4573_16 Datasheet
356Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4099 PASTERNACK-PE4099_16 Datasheet
351Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Stub Terminal
PE4128 PASTERNACK-PE4128_16 Datasheet
356Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
PE4128-SF PASTERNACK-PE4128-SF_16 Datasheet
355Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
PE4189 PASTERNACK-PE4189_16 Datasheet
315Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Stub Terminal, .250 inch Diameter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com