Electronic Components Datasheet Search
  English  ▼

X  

PE45210 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45210
Description  SMC Jack Bulkhead Mount Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405AL, .177 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45210 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45210 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45210 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45210 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Shock
MIL-STD-202, METHOD 213
Vibration
MIL-STD-202, METHOD 204
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
SMC Jack Bulkhead Mount Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405AL, .177 inch D Hole from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Bulkhead Mount Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405AL,
.177 inch D Hole PE45210
URL:
http://www.pasternack.com/smc-jack-rg405-pe-sr405fl-pe-sr405al-connector-pe45210-p.aspx
PE45210 REV 1.0
RF Connectors Technical Data Sheet
PE45210
SMC Jack Bulkhead Mount Connector Solder Attachment
for RG405, PE-SR405FL, PE-SR405AL, .177 inch D Hole



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com