Electronic Components Datasheet Search
  English  ▼

X  

PE45210 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45210
Description  SMC Jack Bulkhead Mount Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405AL, .177 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45210 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45210 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45210 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45210 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMC Jack Connector
• MIL-C-39012
• 50 Ohms
• Straight Body Geometry
• RG405, PE-SR405FL, PE-SR405AL Interface Type
• Solder/Solder Attachment
• Bulkhead
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
10
GHz
VSWR
1.2:1
Operating Voltage (AC)
335
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Corona Discharge
250
Vrms
Insulation Resistance
1,000
MOhms
RF Leakage
60
dB
.
Mechanical Specifications
Size
Length
1 in [25.4 mm]
Width/Dia.
0.32 in [8.13 mm]
.
.
Mating Cycles
500 Cycles
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
3µ in. minimum
Insulation
Teflon
Outer Conductor
Brass
Gold
3µ in. minimum
Body
Brass
Gold
3µ in. minimum
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Bulkhead Mount Connector Solder Attachment for RG405, PE-SR405FL, PE-
SR405AL, .177 inch D Hole PE45210
PE45210 REV 1.0
SMC Jack Bulkhead Mount Connector Solder Attachment
for RG405, PE-SR405FL, PE-SR405AL, .177 inch D Hole
RF Connectors Technical Data Sheet
PE45210


Similar Part No. - PE45210

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4521 PASTERNACK-PE4521 Datasheet
110Kb / 1P
MINI UHF MALE CRIMP ATTACHMENT
PE45211 PASTERNACK-PE45211 Datasheet
340Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment .072 inch End Launch PCB
PE45215 PASTERNACK-PE45215 Datasheet
333Kb / 3P
SMA Female Field Replaceable Connector 4 Hole Flange Mount .020 inch Pin
PE45216 PASTERNACK-PE45216 Datasheet
338Kb / 3P
SMA Female Field Replaceable Connector With EMI Gasket 4 Hole Flange Mount .015 inch Pin
PE45217 PASTERNACK-PE45217 Datasheet
334Kb / 3P
SMA Female Field Replaceable Connector With EMI Gasket 2 Hole Flange Mount .012 inch Pin
More results

Similar Description - PE45210

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44256 PASTERNACK-PE44256 Datasheet
266Kb / 3P
1.0/2.3 Jack Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE4361 PASTERNACK-PE4361 Datasheet
298Kb / 2P
SMC JACK CONNECTOR CLAMP/SOLDER ATTACHMENT FOR PE-SR405AL, PE-SR405FL,RG405
PE4362 PASTERNACK-PE4362 Datasheet
231Kb / 3P
SMB Jack Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4363 PASTERNACK-PE4363 Datasheet
310Kb / 2P
SMC Jack Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .177 inch D Hole
PE4119 PASTERNACK-PE4119 Datasheet
292Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE44458 PASTERNACK-PE44458 Datasheet
215Kb / 3P
MMCX Jack Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4357 PASTERNACK-PE4357 Datasheet
208Kb / 2P
SMC Plug Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44977 PASTERNACK-PE44977 Datasheet
222Kb / 3P
SMC Plug Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44390 PASTERNACK-PE44390 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .177 inch D Hole
PE45218 PASTERNACK-PE45218 Datasheet
381Kb / 3P
QMA Female Bulkhead Mount Connector Solder Attachment for PE-SR405AL, PE-SR405FL, RG405, .268 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com