Electronic Components Datasheet Search
  English  ▼

X  

LT1496 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1496
Description  1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1496 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1496 Datasheet HTML 8Page - Linear Technology LT1496 Datasheet HTML 9Page - Linear Technology LT1496 Datasheet HTML 10Page - Linear Technology LT1496 Datasheet HTML 11Page - Linear Technology LT1496 Datasheet HTML 12Page - Linear Technology LT1496 Datasheet HTML 13Page - Linear Technology LT1496 Datasheet HTML 14Page - Linear Technology LT1496 Datasheet HTML 15Page - Linear Technology LT1496 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1494/LT1495/LT1496
PACKAGE DESCRIPTION
6th Order 10Hz Elliptic Lowpass Filter
Filter Frequency Response
FREQUENCY (Hz)
1
0
–10
–20
–30
–40
–50
–60
1000
LT1495/96 • TA04
10
100
–
+
1/2 LT1495
–
+
1/2 LT1495
200k
100k
10k
10nF
100k
100nF
215k
215k
215k
15nF
15nF
30nF
ein
200k
80.6k
10nF
100k
100nF
169k
169k
169k
15nF
15nF
30nF
1495 TA03
VS = 5V, 0V
IS = 2µA + ein/150k
ZEROS AT 50Hz AND 60Hz
OUTPUT
100nF
10k
100nF
TYPICAL APPLICATIONS N
MSOP (MS8) 1100
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
0.021
± 0.006
(0.53
± 0.015)
0
° – 6° TYP
SEATING
PLANE
0.007
(0.18)
0.043
(1.10)
MAX
0.009 – 0.015
(0.22 – 0.38)
0.005
± 0.002
(0.13
± 0.05)
0.034
(0.86)
REF
0.0256
(0.65)
BSC
12
3
4
0.193
± 0.006
(4.90
± 0.15)
8
7 6
5
0.118
± 0.004*
(3.00
± 0.102)
0.118
± 0.004**
(3.00
± 0.102)
MS8 Package
8-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1660)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com