Electronic Components Datasheet Search
  English  ▼

X  

LT1496 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1496
Description  1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1496 Datasheet(HTML) 4 Page - Linear Technology

  LT1496 Datasheet HTML 1Page - Linear Technology LT1496 Datasheet HTML 2Page - Linear Technology LT1496 Datasheet HTML 3Page - Linear Technology LT1496 Datasheet HTML 4Page - Linear Technology LT1496 Datasheet HTML 5Page - Linear Technology LT1496 Datasheet HTML 6Page - Linear Technology LT1496 Datasheet HTML 7Page - Linear Technology LT1496 Datasheet HTML 8Page - Linear Technology LT1496 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1494/LT1495/LT1496
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = 5V
q
200
475
µV
VS = 3V
q
250
575
µV
VS = 5V, MS8 Package
q
200
575
µV
VS = 3V, MS8 Package
q
250
675
µV
VOS TC
Input Offset Voltage Drift
(Note 4)
q
0.4
2
µV/°C
IB
Input Bias Current
(Note 5)
q
250
1700
pA
VCM = 10V (Note 6)
q
275
nA
IOS
Input Offset Current
(Note 5)
q
20
170
pA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.25V to 4.5V, RL = 100k
q
55
215
V/mV
VS = 3V, VO = 0.25V to 2.5V, RL = 100k
q
30
115
V/mV
Input Voltage Range
q
0.2
36
V
CMRR
Common Mode Rejection Ratio
VCM = 0.2V to 4V, VS = 5V
q
88
106
dB
VCM = 0.2V to 10V, VS = 5V
q
75
dB
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 12V, VCM = VO = 0.5V
q
88
99
dB
Minimum Operating Supply Voltage
q
2.6
2.7
V
VOL
Output Voltage Swing LOW
No Load
q
60
120
mV
ISINK = 100µA
q
245
490
mV
VOH
Output Voltage Swing HIGH
No Load
q
V+ – 0.10
V+ – 0.05
mV
ISOURCE = 100µA
q
V+ – 0.38
V+ – 0.19
mV
ISC
Short-Circuit Current
(Note 5)
q
0.4
0.9
mA
IS
Supply Current per Amplifier
(Note 6)
q
1.5
2.3
µA
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the temperature range of – 40
°C ≤ TA ≤ 85°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VO =
half supply, unless otherwise noted. (Note 3)
The q denotes the specifications which apply over the temperature range of 0
°C ≤ TA ≤ 70°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VO = half
supply, unless otherwise noted. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = 5V
q
175
425
µV
VS = 3V
q
225
525
µV
VS = 5V, MS8 Package
q
175
525
µV
VS = 3V, MS8 Package
q
225
625
µV
VOS TC
Input Offset Voltage Drift
(Note 4)
q
0.4
2
µV/°C
IB
Input Bias Current
(Note 5)
q
250
1200
pA
VCM = 10V (Note 6)
q
240
500
nA
IOS
Input Offset Current
(Note 5)
q
20
120
pA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.25V to 4.5V, RL = 100k
q
75
280
V/mV
VS = 3V, VO = 0.25V to 2.5V, RL = 100k
q
40
150
V/mV
Input Voltage Range
q
0.2
36
V
CMRR
Common Mode Rejection Ratio
VCM = 0.2V to 4V, VS = 5V
q
89
106
dB
VCM = 0.2V to 10V, VS = 5V
q
64
85
dB
PSRR
Power Supply Rejection Ratio
VS = 2.4V to 12V, VCM = VO = 0.5V
q
89
99
dB
Minimum Operating Supply Voltage
q
2.3
2.4
V
VOL
Output Voltage Swing LOW
No Load
q
55
110
mV
ISINK = 100µA
q
225
450
mV
VOH
Output Voltage Swing HIGH
No Load
q
V+ – 0.08
V+ – 0.04
V
ISOURCE = 100µA
q
V+ – 0.36
V+ – 0.18
V
ISC
Short-Circuit Current
(Note 5)
q
0.6
1.1
mA
IS
Supply Current per Amplifier
(Note 6)
q
1.2
1.8
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com