Electronic Components Datasheet Search
  English  ▼

X  

PE45232 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45232
Description  75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment End Launch PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45232 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45232 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45232 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45232 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
Insulation
PTFE
Outer Conductor
Brass
Gold
Body
Brass
Gold
Washer
Brass
Gold
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment End Launch PCB from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment End Launch PCB
PE45232
URL: https://www.pasternack.com/1.0-2.3-jack-push-on-end-launch-pcb-connector-pe45232-p.aspx
PE45232 REV 1.0
RF Connectors Technical Data Sheet
PE45232
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On
Connector Solder Attachment End Launch PCB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com