Electronic Components Datasheet Search
  English  ▼

X  

PE45232 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45232
Description  75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment End Launch PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45232 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45232 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45232 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45232 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• Push-On 1.0/2.3 Jack Connector
• 75 Ohms
• Straight Body Geometry
• End Launch Interface Type
• Solder Attachment
• Bulkhead
Features
• Push-On connection
• Secure locking mechanism
• Performance to 3 GHz
• 500 Mating cycles
Applications
• Data Communications
• Video Processors
• Switching Equipment
.
Description
Pasternack’s 75 Ohm DIN 1.0/2.3 connectors allow for a secure locking push-pull connection. These 1.0/2.3 connectors
have an impedance of 75 Ohms and operate to 3 GHz, making these RF connectors an excellent choice for many data
communications and audio/video applications. The small size of these 75 ohm 1.0/2.3 DIN connectors allows for a dense
connector-to-connector footprint, saving valuable space in panels and other applications requiring a high number of
interconnects. The durable positive locking connectors have a mating life of up to 500 connections.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.15:1
.
Mechanical Specifications
Size
Length
0.647 in [16.43 mm]
Width/Dia.
0.287 in [7.29 mm]
.
Weight
0.006 lbs [2.72 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment End Launch
PCB PE45232
PE45232 REV 1.0
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On
Connector Solder Attachment End Launch PCB
RF Connectors Technical Data Sheet
PE45232


Similar Part No. - PE45232

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4523 PASTERNACK-PE4523 Datasheet
258Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG58
PE4523 PASTERNACK-PE4523 Datasheet
354Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
PE45230 PASTERNACK-PE45230 Datasheet
344Kb / 3P
75 Ohm 1.0/2.3 Jack Right Angle Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PE45231 PASTERNACK-PE45231 Datasheet
343Kb / 3P
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PE45233 PASTERNACK-PE45233 Datasheet
347Kb / 3P
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for RG179-DS
More results

Similar Description - PE45232

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44131 PASTERNACK-PE44131 Datasheet
256Kb / 3P
75 Ohm Mini SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB
PE44134 PASTERNACK-PE44134 Datasheet
266Kb / 2P
75 Ohm Mini SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB
PE44620 PASTERNACK-PE44620 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE44619 PASTERNACK-PE44619 Datasheet
209Kb / 2P
75 Ohm BNC Female Connector Solder Attachment End Launch PCB
PE44305 PASTERNACK-PE44305 Datasheet
752Kb / 2P
75 Ohm MCX Jack Connector Solder Attachment 0.068 inch End Launch PCB
PE45211 PASTERNACK-PE45211 Datasheet
340Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment .072 inch End Launch PCB
PE45229 PASTERNACK-PE45229 Datasheet
347Kb / 3P
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PE45230 PASTERNACK-PE45230 Datasheet
344Kb / 3P
75 Ohm 1.0/2.3 Jack Right Angle Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PE45231 PASTERNACK-PE45231 Datasheet
343Kb / 3P
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PE45237 PASTERNACK-PE45237 Datasheet
339Kb / 3P
75 Ohm 1.0/2.3 Jack Right Angle Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com