Electronic Components Datasheet Search
  English  ▼

X  

PE45233 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45233
Description  75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for RG179-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45233 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45233 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45233 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45233 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Nickel
Coupling Nut
Brass
Nickel
Crimp Sleeve
Brass
Nickel
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp/Crimp Attachment for RG179-DS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm 1.0/2.3 Plug Push-On Connector Crimp/Crimp Attachment for RG179-DS PE45233
URL: https://www.pasternack.com/1.0-2.3-plug-push-on-rg179-ds-connector-pe45233-p.aspx
PE45233 REV 1.0
RF Connectors Technical Data Sheet
PE45233
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp/
Crimp Attachment for RG179-DS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com