Electronic Components Datasheet Search
  English  ▼

X  

PE45233 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45233
Description  75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for RG179-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45233 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45233 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45233 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45233 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• Push-On 1.0/2.3 Plug Connector
• 75 Ohms
• Straight Body Geometry
• RG179-DS Interface Type
• Crimp/Crimp Attachment
Features
• Push-On connection
• Secure locking mechanism
• Performance to 3 GHz
• 500 Mating cycles
Applications
• Data Communications
• Video Processors
• Switching Equipment
.
Description
Pasternack’s 75 Ohm DIN 1.0/2.3 connectors allow for a secure locking push-pull connection. These 1.0/2.3 connectors
have an impedance of 75 Ohms and operate to 3 GHz, making these RF connectors an excellent choice for many data
communications and audio/video applications. The small size of these 75 ohm 1.0/2.3 DIN connectors allows for a dense
connector-to-connector footprint, saving valuable space in panels and other applications requiring a high number of
interconnects. The durable positive locking connectors have a mating life of up to 500 connections.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.15:1
.
Mechanical Specifications
Size
Length
1.04 in [26.42 mm]
Width/Dia.
0.307 in [7.80 mm]
.
Weight
0.013 lbs [5.9 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm 1.0/2.3 Plug Push-On Connector Crimp/Crimp Attachment for RG179-DS PE45233
PE45233 REV 1.0
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp/
Crimp Attachment for RG179-DS
RF Connectors Technical Data Sheet
PE45233


Similar Part No. - PE45233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4523 PASTERNACK-PE4523 Datasheet
258Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG58
PE4523 PASTERNACK-PE4523 Datasheet
354Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
PE45230 PASTERNACK-PE45230 Datasheet
344Kb / 3P
75 Ohm 1.0/2.3 Jack Right Angle Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PE45231 PASTERNACK-PE45231 Datasheet
343Kb / 3P
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PE45232 PASTERNACK-PE45232 Datasheet
347Kb / 3P
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment End Launch PCB
More results

Similar Description - PE45233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4248 PASTERNACK-PE4248 Datasheet
250Kb / 1P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG179,RG187
PE44629 PASTERNACK-PE44629 Datasheet
228Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG179-DS, 179DT
logo
Winchester Electronics ...
0345-E00-C7202N WINCHESTER-0345-E00-C7202N Datasheet
86Kb / 1P
DIN 1.0/2.3 75 OHM PLUG (CRIMP/CRIMP) DIN 1.0/2.3 75 OHM PLUG (CRIMP/CRIMP) CABLE OR EQUIVALENT
logo
Pasternack Enterprises,...
PE4249 PASTERNACK-PE4249 Datasheet
250Kb / 3P
75 Ohm SMC Plug Connector Crimp-Solder Attachment For RG179, RG187
PE45166 PASTERNACK-PE45166 Datasheet
342Kb / 3P
1.0-2.3 Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE45086 PASTERNACK-PE45086 Datasheet
340Kb / 3P
75 Ohm MCX Plug Right Angle Push-On Connector Crimp - Solder Attachment for RG179, RG187
PE45227 PASTERNACK-PE45227 Datasheet
362Kb / 3P
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for BELDEN 735A1
PE45228 PASTERNACK-PE45228 Datasheet
348Kb / 3P
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for BELDEN 1855A
PE45234 PASTERNACK-PE45234 Datasheet
346Kb / 3P
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp/Crimp Attachment for RG59
PE45235 PASTERNACK-PE45235 Datasheet
347Kb / 3P
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for RG6-CATV
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com