Electronic Components Datasheet Search
  English  ▼

X  

PE45267 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE45267
Description  MMBX Jack Snap-On Connector Solder Attachment Thread-In Mount Pin Terminal, With Female Center Contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45267 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE45267 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45267 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45267 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45267 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
MMBX Jack Snap-On Connector Solder Attachment Thread-In Mount Pin Terminal, With Female Center Contact from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MMBX Jack Snap-On Connector Solder Attachment Thread-In Mount Pin Terminal, With Female
Center Contact PE45267
URL: https://www.pasternack.com/mmbx-jack-snap-on-pin-terminal-connector-pe45267-p.aspx
PE45267 REV 1.0
RF Connectors Technical Data Sheet
PE45267
MMBX Jack Snap-On Connector Solder Attachment Thread-
In Mount Pin Terminal, With Female Center Contact



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com