Electronic Components Datasheet Search
  English  ▼

X  

PE45267 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45267
Description  MMBX Jack Snap-On Connector Solder Attachment Thread-In Mount Pin Terminal, With Female Center Contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45267 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45267 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45267 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45267 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45267 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Snap-On MMBX Jack Connector
• 50 Ohms
• Straight Body Geometry
• Pin Interface Type
• Solder Attachment
• Thread-In
Features
• Max. Operating Frequency 12.4 GHz
• Excellent VSWR of 1.08:1
• Gold Plated Brass Contact
• Reliable Snap-On connection method
• Small circuit footprint for high density applications
• Mechanical misalignment tolerance of 4.5°/0.7mm Max
Applications
• General Purpose Test
• Low cost blind mate interconnect
• Multi circuit board radios
• Board to board applications
requiring multiple coaxial
connections
.
Description
Pasternack’s PE45267 MMBX jack snap-on thread-in mount connector with solder attachment pin terminal is part of our full
line of RF components available for same-day shipping. Our MMBX jack connector operates up to a maximum frequency of
12.4 GHz and offers excellent VSWR of 1.08:1.
Our MMBX jack thread-in connector PE45267 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.08:1
Insertion Loss
0.42
dB
Operating Voltage (DC)
330
Vdc
Dielectric Withstanding Voltage (DC)
500
Vdc
Insulation Resistance
1,000
MOhms
.
Electrical Specification Notes:
MMBX Jack has a female center contact
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MMBX Jack Snap-On Connector Solder Attachment Thread-In Mount Pin Terminal, With Fe-
male Center Contact PE45267
PE45267 REV 1.0
MMBX Jack Snap-On Connector Solder Attachment Thread-
In Mount Pin Terminal, With Female Center Contact
RF Connectors Technical Data Sheet
PE45267


Similar Part No. - PE45267

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4526 PASTERNACK-PE4526 Datasheet
212Kb / 3P
SMA Male Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4526 PASTERNACK-PE4526 Datasheet
317Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE45261 PASTERNACK-PE45261 Datasheet
370Kb / 4P
MMBX Jack Push-On Connector Solder Attachment Edge Launch PCB, with female center contact
PE45262TR1 PASTERNACK-PE45262TR1 Datasheet
599Kb / 6P
MMBX Jack Snap-On Connector Solder Attachment Surface Mount PCB, With Female Center Contact
PE45262TR750 PASTERNACK-PE45262TR750 Datasheet
546Kb / 5P
MMBX Jack Snap-On Connector Solder Attachment Surface Mount PCB, With Female Center Contact, 1 Reel Contains 750 pieces
More results

Similar Description - PE45267

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45250 PASTERNACK-PE45250 Datasheet
375Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG178, RG196, With Male Center Contact
PE45251 PASTERNACK-PE45251 Datasheet
372Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG316, RG174, With Male Center Contact
PE45253 PASTERNACK-PE45253 Datasheet
390Kb / 4P
MMBX Plug Snap-On Connector Solder/Non-Solder Contact Attachment for RG405, PE-SR405FL, PE-SR405FLJ, with male center contact
PE45255 PASTERNACK-PE45255 Datasheet
393Kb / 4P
MMBX Plug Right Angle Snap-On Connector Crimp/Solder Attachment for RG316, RG174, with male center contact
PE45259TR1 PASTERNACK-PE45259TR1 Datasheet
601Kb / 6P
MMBX Plug Slide-On Connector Solder Attachment Surface Mount PCB, With Male Center Contact
PE45261 PASTERNACK-PE45261 Datasheet
370Kb / 4P
MMBX Jack Push-On Connector Solder Attachment Edge Launch PCB, with female center contact
PE45262TR1 PASTERNACK-PE45262TR1 Datasheet
599Kb / 6P
MMBX Jack Snap-On Connector Solder Attachment Surface Mount PCB, With Female Center Contact
PE45262TR750 PASTERNACK-PE45262TR750 Datasheet
546Kb / 5P
MMBX Jack Snap-On Connector Solder Attachment Surface Mount PCB, With Female Center Contact, 1 Reel Contains 750 pieces
PE45265TR1 PASTERNACK-PE45265TR1 Datasheet
366Kb / 3P
MMBX Jack Snap-On Connector Solder Attachment Through Hole PCB, With Female Center Contact and 0.382??Diameter Funnel
PE91363 PASTERNACK-PE91363 Datasheet
355Kb / 4P
SMA Female to MMBX Jack Push-On Adapter, with female center contact
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com