Electronic Components Datasheet Search
  English  ▼

X  

PE45277 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45277
Description  SMP Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL, Up To 8 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45277 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45277 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45277 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45277 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
MIL-DTL-45204
Insulation
PTFE
Body
Beryllium Copper
Gold
MIL-DTL-45204
.
Environmental Specifications
Temperature
Operating Range
-55 to +155 deg C
Humidity
MIL-STD-202, Method 106 (except 7b omitted)
Shock
MIL-STD-202, Method 213, Condition I
Vibration
MIL-STD-202, Method 204, Condition D
Salt Spray
MIL-STD-202, Method 101, Condition B
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SMP Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL, Up To 8 GHz from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL, Up To 8
GHz PE45277
URL:
https://www.pasternack.com/smp-female-pe-047sr-pe-sr047al-pe-sr047fl-connector-pe45277-p.aspx
PE45277 REV 1.0
RF Connectors Technical Data Sheet
PE45277
SMP Female Connector Solder Attachment for PE-
047SR, PE-SR047AL, PE-SR047FL, Up To 8 GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com