Electronic Components Datasheet Search
  English  ▼

X  

PE45277 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45277
Description  SMP Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL, Up To 8 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45277 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45277 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45277 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45277 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMP Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• PE-047SR, PE-SR047AL, PE-SR047FL Interface Type
• Solder Attachment
Features
• Max. Operating Frequency 8 GHz
• Excellent VSWR of 1.1:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-DTL-45204
• Blind Mate Connector
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE45277 SMP female connector with solder attachment for PE-047SR, PE-SR047AL and PE-SR047FL is part
of our full line of RF components available for same-day shipping. Our SMP female connector operates up to a maximum
frequency of 8 GHz and offers excellent VSWR of 1.1:1. The Pasternack blind mate connector is ideal for applications where
direct visual or tactile access to the connection point is not possible, for example, when two circuit boards need to be mated.
Our SMP female connector PE45277 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a
custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your
custom cable assemblies for you and ship same-day. Pasternack 8 GHz SMP connectors are designed to offer a low cost
alternative where the SMP form factor is desired but the standard SMP frequency range is not needed. The line of 8 GHz SMP
connectors is fully compatible with industry standard SMP and GPO® connectors. These SMP connectors offer a low cost
high performance blind-mate solution for lower frequency applications. The Male versions of the 8 GHz SMP is available in
Full Detent, Limited Detent, and Smooth Bore versions.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
8
GHz
VSWR
1.1:1
.
Mechanical Specifications
Size
Length
0.262 in [6.65 mm]
.
Weight
0.00244 lbs [1.11 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL, Up To
8 GHz PE45277
PE45277 REV 1.0
SMP Female Connector Solder Attachment for PE-
047SR, PE-SR047AL, PE-SR047FL, Up To 8 GHz
RF Connectors Technical Data Sheet
PE45277


Similar Part No. - PE45277

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4527 PASTERNACK-PE4527 Datasheet
293Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4527 PASTERNACK-PE4527 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment
PE45278TR1 PASTERNACK-PE45278TR1 Datasheet
469Kb / 4P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB, With Pick Cap
PE45278TR1500 PASTERNACK-PE45278TR1500 Datasheet
505Kb / 5P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB, With Pick Cap, 1 Reel Contains 1500 pieces
PE4527 PASTERNACK-PE4527_16 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment
More results

Similar Description - PE45277

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44273 PASTERNACK-PE44273 Datasheet
216Kb / 2P
SMP Female Connector Solder Attachment For PE- 047SR, PE-SR047AL, PE-SR047FL, 18 GHz Version
PE44491 PASTERNACK-PE44491 Datasheet
231Kb / 3P
Mini SMP Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44274 PASTERNACK-PE44274 Datasheet
279Kb / 2P
SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44771 PASTERNACK-PE44771 Datasheet
269Kb / 3P
SMP Female Connector Solder Attachment For PE-047SR,PE-SR047AL, PE-SR047FL, Up To 8 GHz
PE44773 PASTERNACK-PE44773 Datasheet
274Kb / 3P
SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL, Up To 8 GHz
PE44493 PASTERNACK-PE44493 Datasheet
286Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4418 PASTERNACK-PE4418 Datasheet
413Kb / 3P
SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE44785 PASTERNACK-PE44785 Datasheet
331Kb / 3P
SMP Female Precision Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44425 PASTERNACK-PE44425 Datasheet
228Kb / 3P
SSMA Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE45249 PASTERNACK-PE45249 Datasheet
369Kb / 3P
SMP Female Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL, Up To 8 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com