Electronic Components Datasheet Search
  English  ▼

X  

LT1495CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1495CS8
Description  1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1495CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1495CS8 Datasheet HTML 3Page - Linear Technology LT1495CS8 Datasheet HTML 4Page - Linear Technology LT1495CS8 Datasheet HTML 5Page - Linear Technology LT1495CS8 Datasheet HTML 6Page - Linear Technology LT1495CS8 Datasheet HTML 7Page - Linear Technology LT1495CS8 Datasheet HTML 8Page - Linear Technology LT1495CS8 Datasheet HTML 9Page - Linear Technology LT1495CS8 Datasheet HTML 10Page - Linear Technology LT1495CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1494/LT1495/LT1496
LT1494H/LT1495H/LT1496H
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
275
1100
µV
IB
Input Bias Current
q
3.8
10
nA
IOS
Input Offset Current
q
0.3
2
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 100k
q
21
70
V/mV
Input Voltage Range
q
–14.5
21
V
CMRR
Common Mode Rejection Ratio
VCM = –14.5V to 14V
q
69
90
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
89
115
dB
VOL
Output Voltage Swing LOW
RL = 1M
q
–14.80
–14.4
V
RL = 100k
q
–14.69
–14.2
V
VOH
Output Voltage Swing HIGH
RL = 1M
q
14.5
14.85
V
RL = 100k
q
14.3
14.73
V
IS
Supply Current per Amplifier
q
36
µA
ELECTRICAL CHARACTERISTICS
–40
°C to 85°C but are not tested or QA sampled at these temperatures.
The LT1494I/LT1495I/LT1496I are guaranteed to meet specified
performance from –40
°C to 85°C. The LT1494H/LT1495H/LT1496H are
guaranteed to meet specified performance from –40
°C to 125°C.
Note 4: This parameter is not 100% tested.
Note 5: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±15V tests.
Note 6: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±15V tests.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The LT1494C/LT1495C/LT1496C and LT1494I/LT1495I/LT1496I
are guaranteed functional over the operating temperature range of – 40
°C
to 85
°C. The LT1494H/LT1495H/LT1496H are guaranteed functional over
the operating temperature range of –40
°C to 125°C.
Note 3: The LT1494C/LT1495C/LT1496C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT1494C/LT1495C/LT1496C are
designed, characterized and expected to meet specified performance from
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSET VOLTAGE (
µV)
–400
0
2
6
8
10
20
14
–200
0
100
1495 G01
4
16
18
12
–300
–100
200 300 400
VS = 5V, 0V
LT1494/LT1495/
LT1496
5700 OP AMPS
Distribution of Input Offset Voltage
TOTAL SUPPLY VOLTAGE (V)
1
100
150
200
5
1495 G03
50
–50
0
2
3
4
TA = 85°C
TA = –40°C
TA = 25°C
TEMPERATURE (
°C)
–40 – 20
0
1.0
2.5
0
40
60
1495 G02
0.5
2.0
1.5
20
80
100
VS = ±15V
VS = ±2.5V
Supply Current vs Temperature
Minimum Supply Voltage
The q denotes the specifications which apply over the temperature range of –40
°C ≤ TA ≤ 125°C. VS = ±15V, VCM = VO = half supply,
unless otherwise noted. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com