Electronic Components Datasheet Search
  English  ▼

X  

LT1495CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1495CS8
Description  1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1495CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1495CS8 Datasheet HTML 8Page - Linear Technology LT1495CS8 Datasheet HTML 9Page - Linear Technology LT1495CS8 Datasheet HTML 10Page - Linear Technology LT1495CS8 Datasheet HTML 11Page - Linear Technology LT1495CS8 Datasheet HTML 12Page - Linear Technology LT1495CS8 Datasheet HTML 13Page - Linear Technology LT1495CS8 Datasheet HTML 14Page - Linear Technology LT1495CS8 Datasheet HTML 15Page - Linear Technology LT1495CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1494/LT1495/LT1496
©LINEAR TECHNOLOGY CORPORATION 1997
149456fb LT/TP 0801 1.5K REV B • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507 q TELEX: 499-3977 q www.linear.com
Battery Current Monitor
0nA to 200nA Current Meter
TYPICAL APPLICATIONS N
RELATED PARTS
–
+
1495 TA05
RSENSE
0.1
Ω
IL
CHARGE
RA
2N3904
VO = IL
RSENSE
FOR RA = 1k, RB = 10k
= 1V/A
CHARGE
OUT
DISCHARGE
OUT
DISCHARGE
2N3904
RA
RA
RA
RB
RB
RA
VO
IL
RB
A1
1/2 LT1495
5V
12V
A2
1/2 LT1495
()
–
+
–
+
µA
1495 TA06
1/2
LT1495
1/2
LT1495
100pF
R1
10M
R2
9k
1.5V
1.5V
R3
2k
FULL-SCALE
ADJUST
IS = 3µA WHEN IIN = 0
NO ON/OFF SWITCH
REQUIRED
0
µA TO
200
µA
R4
10k
INPUT
CURRENT
High Side Current Sense
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®1440/41/42
Micropower Single/Dual Comparators with 1% Reference
LTC1440: Single, LTC1441/42: Dual
LTC1443/44/45
Micropower Quad Comparators with 1% Reference
LTC1443: 1.182 Reference
LTC1444/45: 1.221V Reference and Adjustable Hysteresis
LT1466/LT1467
75
µA Dual/Quad Rail-to-Rail Input and Output Op Amps
390
µV VOS(MAX), Gain Bandwidth = 120kHz
LT1490A/LT1491A
50
µA Dual/Quad Rail-to-Rail Input and Output Op Amps
950
µV VOS(MAX), Gain Bandwidth = 200kHz
LTC1540
Nanopower Single Comparator with 1% Reference
350nA Supply Current
LT1636
Single Over-The-Top Micropower,
225
µV VOS(MAX), IS = 55µA (MAX), Gain-Bandwidth = 200kHz
Rail-to-Rail Input and Output Op Amp
Shutdown Pin, MSOP
LT1672/LT1673/LT1674
2
µA MAX, AV ≥ 5 Single/Dual/Quad Over-The-Top Precision
Decompensated Version of the LT1494/LT1495/LT1496
Rail-to-Rail Input and Output Op Amps
AV ≥ 5, Gain-Bandwidth = 12kHz
LT2078/LT2079
55
µA Dual/Quad Single Supply Op Amps
120
µV VOS(MAX), Gain Bandwidth = 200kHz
LT2178/LT2179
17
µA Dual/Quad Single Supply Op Amps
120
µV VOS(MAX), Gain Bandwidth = 60kHz
LT1782
Micropower, Over-The-Top, SOT-23, Rail-to-Rail
SOT-23, 800
µV VOS(MAX) , IS = 55µA (Max),
Input and Output Op Amp
Gain-Bandwidth = 200kHz, Shutdown Pin
LT1783
1.2MHz, Over-The-Top, Micropower, Rail-to-Rail
SOT-23, 800
µV VOS(MAX) , IS = 300µA (Max),
Input and Output Op Amp in SOT-23
Gain-Bandwidth = 1.2MHz, Shutdown Pin
+
–
LT1494
RA
1k
RSENSE
1
Ω
LOAD
IL
VS = 2.7V TO 36V
1495 TA09
RB
10k
+
_
VO
( )
RB
RA
VO = IL
RS
FOR RA = 1k, RB = 10k, RS = 1Ω
= 10 V/A
OUTPUT OFFSET
≈ IS • RB ≈ 10mV
OUTPUT CLIPS AT VS – 2.4V
VO
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com