Electronic Components Datasheet Search
  English  ▼

X  

PE45296 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45296
Description  4.3-10 Male Low PIM Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214, RG393, IP67 Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45296 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45296 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45296 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45296 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45296 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
1.47 in [37.34 mm]
Width/Dia.
0.96 in [24.38 mm]
.
Weight
0.121 lbs [54.88 g]
.
Mating Cycles
100 Cycles
Material Specifications
Description
Material
Plating
Contact
Brass
Silver
Insulation
PTFE
Body
Brass
Tri-Metal
Coupling Nut
Brass
Tri-Metal
Gasket
EPDM Rubber
.
Environmental Specifications
Temperature
Operating Range
-55 to +90 deg C
Ingress Protection (IP) Rating
IP 67 (Mated)
PE45296 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4.3-10 Male Low PIM Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214,
RG393, IP67 Rated PE45296
RF Connectors Technical Data Sheet
PE45296
4.3-10 Male Low PIM Connector Clamp/Solder Attachment
for RG213, RG8, RG225, RG214, RG393, IP67 Rated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com