Electronic Components Datasheet Search
  English  ▼

X  

PE45296 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45296
Description  4.3-10 Male Low PIM Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214, RG393, IP67 Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45296 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45296 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45296 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45296 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45296 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• 4.3-10 Male Connector
• Straight Body Geometry
• RG213, RG8, RG225, RG214, RG393 Interface Type
• Clamp/Solder Attachment
• 22 mm Hex
• Low PIM Design
Features
• Max. Operating Frequency 6 GHz
• Excellent VSWR of 1.15:1
• PIM levels lower than -166 dBc
• Silver Plated Brass Contact
• IP 67 (Mated)
• Low Coupling Torque
• Corrosion Resistant Tri-Metal Finish
• Low-PIM rating of -166 dBc
Applications
• General Purpose Test
• Wireless Communications
• Custom Cable Assemblies
• Low PIM Applications
• Mobile Communications Systems
• Base Stations
• Distributed Antenna Systems
(DAS)
• Small Cells
• Feeder Cables
.
Description
Pasternack’s PE45296 4.3-10 male connector with clamp/solder attachment for RG213, RG8, RG225, RG214 and RG393 is
part of our full line of RF components available for same-day shipping. Our 4.3-10 male connector operates up to a maximum
frequency of 6 GHz and offers excellent VSWR of 1.15:1. The 4.3-10 male connector also has low passive intermodulation
of -166 dBc. The connector has an IP67 rating to protect against dust and temporary moisture protection under immersion
conditions.
Our 4.3-10 male connector PE45296 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.15:1
Insertion Loss
0.13
dB
Passive Intermodulation
-166
dBc
Operating Voltage (AC)
1,000
Vrms
Dielectric Withstanding Voltage (AC)
2,500
Vrms
Insulation Resistance
5,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4.3-10 Male Low PIM Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214,
RG393, IP67 Rated PE45296
PE45296 REV 1.0
4.3-10 Male Low PIM Connector Clamp/Solder Attachment
for RG213, RG8, RG225, RG214, RG393, IP67 Rated
RF Connectors Technical Data Sheet
PE45296


Similar Part No. - PE45296

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4529 PASTERNACK-PE4529 Datasheet
299Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .093 inch Max Panel
PE4529 PASTERNACK-PE4529 Datasheet
319Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE45290 PASTERNACK-PE45290 Datasheet
388Kb / 4P
SMP Female Right Angle Connector Crimp/Crimp Attachment for RG178, RG196, Up To 8 GHz
PE45292 PASTERNACK-PE45292 Datasheet
416Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG178, RG196, .235 inch D Hole
PE45295 PASTERNACK-PE45295 Datasheet
413Kb / 4P
4.3-10 Male Low PIM Push-On Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214, RG393, IP67 Rated
More results

Similar Description - PE45296

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4109 PASTERNACK-PE4109 Datasheet
318Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG213.RG214,RG8,RG9,RG225,RG393
PE4020 PASTERNACK-PE4020 Datasheet
285Kb / 2P
UHF Male Connector Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4182 PASTERNACK-PE4182 Datasheet
314Kb / 2P
HN Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4520 PASTERNACK-PE4520 Datasheet
312Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4564 PASTERNACK-PE4564 Datasheet
214Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44050 PASTERNACK-PE44050 Datasheet
271Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4711 PASTERNACK-PE4711 Datasheet
478Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4062 PASTERNACK-PE4062 Datasheet
258Kb / 2P
N Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4659 PASTERNACK-PE4659 Datasheet
235Kb / 3P
RP TNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE45295 PASTERNACK-PE45295 Datasheet
413Kb / 4P
4.3-10 Male Low PIM Push-On Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214, RG393, IP67 Rated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com