Electronic Components Datasheet Search
  English  ▼

X  

MP7636AJS Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7636AJS
Description  15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7636AJS Datasheet(HTML) 4 Page - Exar Corporation

  MP7636AJS Datasheet HTML 1Page - Exar Corporation MP7636AJS Datasheet HTML 2Page - Exar Corporation MP7636AJS Datasheet HTML 3Page - Exar Corporation MP7636AJS Datasheet HTML 4Page - Exar Corporation MP7636AJS Datasheet HTML 5Page - Exar Corporation MP7636AJS Datasheet HTML 6Page - Exar Corporation MP7636AJS Datasheet HTML 7Page - Exar Corporation MP7636AJS Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP7636A
4
Rev. 2.00
ELECTRICAL CHARACTERISTICS (CONT’D)
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
POWER SUPPLY5
Functional Voltage Range2
VDD
4.5
16.5
5.0
16.5
V
Supply Current
IDD
1
1
mA
All digital inputs 0 V or VDD
SWITCHING
CHARACTERISTICS2, 4
CS to WR Set-Up Time
tCS
150
ns
CS to WR Hold Time
tCH
10
ns
Data Valid to WR Set-Up Time
tDS
70
ns
Data Valid to WR Hold Time
tDH
70
ns
WR, XFER Pulse Width
tW
150
ns
NOTES:
Specifications are subject to change without notice
25
°C
Tmin to Tmax
(1)
Full Scale Range (FSR) is 10V for unipolar mode.
(2)
Guaranteed but not production tested.
(3)
Digital input levels should not go below ground or exceed the positive supply voltage, otherwise damage may occur.
(4)
See timing diagram.
(5)
Specified values guarantee functionality. Refer to other parameters for accuracy.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2, 3
Voltage at Any Digital Input
GND –0.5 to VDD +0.5 V
. . . . .
Voltage at VREF Input
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Voltage Applied to IOUT1 or IOUT2 GND –0.5 V to +17 V
Supply Voltage (VDD)
+17 VDC
. . . . . . . . . . . . . . . . . . . . . . . .
AGND to DGND
+1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Functionality Guaranteed +0.5 V)
Storage Temperature Range
–65
°C to 150°C
. . . . . . . . . . . .
Package Power Dissipation Rating to 75
°C
SOIC
900mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derates above 75
°C
12mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 100mA for less than 100
µs.
3
GND refers to AGND and DGND.
APPLICATION NOTES
Refer to Section 8 for Applications Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com