Electronic Components Datasheet Search
  English  ▼

X  

MP7636AJS Datasheet(PDF) 5 Page - Exar Corporation

Part # MP7636AJS
Description  15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7636AJS Datasheet(HTML) 5 Page - Exar Corporation

  MP7636AJS Datasheet HTML 1Page - Exar Corporation MP7636AJS Datasheet HTML 2Page - Exar Corporation MP7636AJS Datasheet HTML 3Page - Exar Corporation MP7636AJS Datasheet HTML 4Page - Exar Corporation MP7636AJS Datasheet HTML 5Page - Exar Corporation MP7636AJS Datasheet HTML 6Page - Exar Corporation MP7636AJS Datasheet HTML 7Page - Exar Corporation MP7636AJS Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP7636A
5
Rev. 2.00
TIMING DIAGRAM
50%
50%
50%
50%
50%
50%
SETTLED TO
+0.01%
CS, BYTE1/BYTE2
WR
DATA BITS
VIH
VIL
VIH
VIL
VIH
VIL
tCS
tCH
tW
tDS
tS
tDH
IOUT1, IOUT2
DEFINITION OF CONTROL SIGNALS:
CS:
Chip Select (Active low).
It will enable WR1.
WR1:
Write 1 (Active low)
The WR1 is used to load the digital data bits (DB) into
the input latch.
BYTE1/BYTE2:
Byte sequence control.
The BYTE1/BYTE2 control pin is used to select MSB
and LSB both input latches.
WR2:
Write 2 (Active low).
It will enable XFER.
XFER:
Transfer control signal (Active low).
This signal, in combination with WR2, causes the
16-bit data which is available in the input latches to
transfer to the DAC register.
DB0 to DB15: Digital Inputs.
DB0 is the least significant digital input (LSB) and
DB15 is the most significant digital input (MSB).
IOUT1:
DAC Current Output 1 Bus.
IOUT1 is a maximum for a digital code of all 1’s in the
DAC register, and is zero for all 0’s in the DAC register.
IOUT2:
DAC Current Output 2 Bus.
IOUT2 is a complement of IOUT1. The ladder termina-
tion has been tied to IOUT2 internally.
RFB:
Feedback Resistor.
This internal feedback resistor should always be used
(not an external resistor) since it matches the resistors
in the DAC and tracks these resistor over temperature.
VREF:
Reference Voltage Input.
This input connects an external precision voltage
source to the internal DAC. The VREF can be selected
over the range of +25V to –25V or the analog signal for
a 4-quadrant multiplying mode application.
VDD:
Power Supply Voltage.
This is the power supply pin for the part. The VDD can
be from +5 V DC to +15 V DC, however optimum volt-
age is +15 V DC.
AGND: Analog Ground.
Back gate of the DAC N-channel current steering
switches.
DGND: Digital Ground .
The timing diagrams for updating the DAC register are shown
in
Figures 1 and 2.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com