Electronic Components Datasheet Search
  English  ▼

X  

PE45306 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE45306
Description  4.3-10 Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, IP67 Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45306 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE45306 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45306 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45306 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45306 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
4.3-10 Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, IP67 Rated from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4.3-10 Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal,
IP67 Rated PE45306
URL: https://www.pasternack.com/4.3-10-female-solder-cup-terminal-connector-pe45306-p.aspx
PE45306 REV 1.0
RF Connectors Technical Data Sheet
PE45306
4.3-10 Female Low PIM Connector Solder Attachment
4 Hole Flange Mount Solder Cup Terminal, IP67 Rated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com