Electronic Components Datasheet Search
  English  ▼

X  

PE45306 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45306
Description  4.3-10 Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, IP67 Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45306 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45306 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45306 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45306 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45306 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• 4.3-10 Female Connector
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• 4 Hole Flange
• Low PIM Design
Features
• Max. Operating Frequency 6 GHz
• Excellent VSWR of 1.08:1
• PIM levels lower than -166 dBc
• Silver Plated Brass Contact
• IP 67 Rated
• Low Coupling Torque
• Corrosion Resistant Tri-Metal Finish
• Low-PIM rating of -166 dBc
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Wireless Communications
• Low PIM Applications
• Mobile Communications Systems
• Base Stations
• Distributed Antenna Systems
(DAS)
• Small Cells
• Feeder Cables
.
Description
Pasternack’s PE45306 4.3-10 female 4 hole flange mount connector with solder cup terminal is part of our full line of RF
components available for same-day shipping. Our 4.3-10 female connector operates up to a maximum frequency of 6 GHz
and offers excellent VSWR of 1.08:1. The 4.3-10 female connector also has low passive intermodulation of -166 dBc. This
4.3-10 4 hole flange connector allows designers to create external connections on their product enclosures, and can be used
in a variety of other rack mount and panel mount applications. The connector has an IP67 rating to protect against dust and
temporary moisture protection under immersion conditions.
Our 4.3-10 female 4 hole flange connector PE45306 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.08:1
Insertion Loss
0.13
dB
Passive Intermodulation
-166
dBc
Operating Voltage (AC)
1,000
Vrms
Dielectric Withstanding Voltage (AC)
2,500
Vrms
Insulation Resistance
5,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4.3-10 Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Solder Cup Ter-
minal, IP67 Rated PE45306
PE45306 REV 1.0
4.3-10 Female Low PIM Connector Solder Attachment
4 Hole Flange Mount Solder Cup Terminal, IP67 Rated
RF Connectors Technical Data Sheet
PE45306


Similar Part No. - PE45306

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4530 PASTERNACK-PE4530 Datasheet
383Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter Front Mount IP 67 Rated
PE4530 PASTERNACK-PE4530 Datasheet
680Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE45300 PASTERNACK-PE45300 Datasheet
393Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for PE-1/2SFHC, IP67 Rated
PE45301 PASTERNACK-PE45301 Datasheet
387Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, IP67 Rated
PE45302 PASTERNACK-PE45302 Datasheet
394Kb / 4P
4.3-10 Male Right Angle Low PIM Connector Solder Attachment for PE-1/2SFHC, IP67 Rated
More results

Similar Description - PE45306

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45085 PASTERNACK-PE45085 Datasheet
358Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4000 PASTERNACK-PE4000_16 Datasheet
350Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4010 PASTERNACK-PE4010_16 Datasheet
360Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4012 PASTERNACK-PE4012_16 Datasheet
360Kb / 3P
UHF Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4013 PASTERNACK-PE4013_16 Datasheet
355Kb / 3P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064 PASTERNACK-PE4064_16 Datasheet
362Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064SP PASTERNACK-PE4064SP_16 Datasheet
366Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4241 PASTERNACK-PE4241_16 Datasheet
352Kb / 3P
C Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal,
PE45304 PASTERNACK-PE45304 Datasheet
383Kb / 4P
4.3-10 Female Low PIM Connector Solder Attachment 4 Hole Flange Mount for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, IP67 Rated
PE45408 PASTERNACK-PE45408 Datasheet
467Kb / 3P
4.3-10 Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Pin Terminal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com