Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GS Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # S70GL02GS
Description  2 Gbit (256 MBytes), 3.0 V Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GS Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button S70GL02GS Datasheet HTML 6Page - Cypress Semiconductor S70GL02GS Datasheet HTML 7Page - Cypress Semiconductor S70GL02GS Datasheet HTML 8Page - Cypress Semiconductor S70GL02GS Datasheet HTML 9Page - Cypress Semiconductor S70GL02GS Datasheet HTML 10Page - Cypress Semiconductor S70GL02GS Datasheet HTML 11Page - Cypress Semiconductor S70GL02GS Datasheet HTML 12Page - Cypress Semiconductor S70GL02GS Datasheet HTML 13Page - Cypress Semiconductor S70GL02GS Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Document Number: 001-98296 Rev. *J
Page 10 of 19
S70GL02GS
3.2
LSH064—64 ball Fortified Ball Grid Array, 13 x 11 mm
Figure 5. LSH064—64-ball Fortified Ball Grid Array (FBGA), 13 x 11 mm
g1005.2 \ f16-038.15 \ 08.10.10
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE IN MILLIMETERS.
3. BALL POSITION DESIGNATION PER JEP 95, SECTION 4.3, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5. SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE
"D" DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
n IS THE NUMBER OF POPULATED SOLDER BALL POSITIONS
FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS
A AND B AND DEFINE THE POSITION OF THE CENTER
SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN
THE OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN
THE OUTER ROW, SD OR SE = e/2
8. “+” INDICATES THE THEORETICAL CENTER OF DEPOPULATED BALLS.
9
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
PACKAGE
LSH 064
JEDEC
N/A
D X E
13.00 mm x 11.00 mm
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.4
PROFILE
A1
0.40
---
---
BALL HEIGHT
D
13.00 BSC
BODY SIZE
E
11.00 BSC
BODY SIZE
D1
7.00 BSC
MATRIX FOOTPRINT
E1
7.00 BSC
MATRIX FOOTPRINT
MD
8
MATRIX SIZE D DIRECTION
ME
8
MATRIX SIZE E DIRECTION
n
64
BALL COUNT
b
0.50
0.60
0.70
BALL DIAMETER
eE
1.00 BSC
BALL PITCH
eD
1.00 BSC
BALL PITCH
SD / SE
0.50 BSC
SOLDER BALL PLACEMENT
DEPOPULATED SOLDER BALLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com