Electronic Components Datasheet Search
  English  ▼

X  

PE45328 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45328
Description  BMA Jack Snap-On Connector Solder/Non-Solder Contact Attachment for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, PE-SR402TN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45328 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45328 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45328 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45328 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45328 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
0.7 in [17.78 mm]
Width/Dia.
0.35 in [8.89 mm]
.
Weight
0.007 lbs [3.18 g]
.
Mating Cycles
1,000 Cycles
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
51.18µ in. minimum
Insulation
PTFE
Outer Conductor
Beryllium Copper
Gold
Body
Stainless Steel
Gold
19.68µ in. minimum
.
Mechanical Specification Notes:
Recommended axial float mount for best electricl performance: 0.51 +/- 0.25 mm (.020” +/-.010)
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Ingress Protection (IP) Rating
IP54(Mated)
PE45328 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: BMA Jack Snap-On Connector Solder/Non-Solder Contact Attachment for RG402, PE-
SR402AL, PE-SR402FL, PE-SR402FLJ, PE-SR402TN PE45328
RF Connectors Technical Data Sheet
PE45328
BMA Jack Snap-On Connector Solder/Non-Solder
Contact Attachment for RG402, PE-SR402AL, PE-
SR402FL, PE-SR402FLJ, PE-SR402TN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com