Electronic Components Datasheet Search
  English  ▼

X  

PE45328 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45328
Description  BMA Jack Snap-On Connector Solder/Non-Solder Contact Attachment for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, PE-SR402TN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45328 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45328 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45328 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45328 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45328 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Snap-On BMA Jack Connector
• 50 Ohms
• Straight Body Geometry
• RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ,
PE-SR402TN Interface Type
• Solder/Non-Solder Contact Attachment
Features
• Max. Operating Frequency 22 GHz
• Good VSWR of 1.27:1
• Gold Plated Beryllium Copper Contact
• 51.18µ in. minimum contact plating
• Blind Mate Connector
• IP54(Mated)
• Low-Engagement Force
• Radial and Axial Float Versions
Applications
• General Purpose Test
• Custom Cable Assemblies
• Blind Mating
• Rack and Panel
• Phased Array Systems
• Base Stations
• RF Backplanes
• Test I/O
.
Description
Pasternack’s PE45328 BMA jack snap-on connector with solder/non-solder contact attachment for RG402, PE-SR402AL,
PE-SR402FL, PE-SR402FLJ and PE-SR402TN is part of our full line of RF components available for same-day shipping.
Our BMA jack connector operates up to a maximum frequency of 22 GHz and offers good VSWR of 1.27:1. The Pasternack
blind mate connector is ideal for applications where direct visual or tactile access to the connection point is not possible, for
example, when two circuit boards need to be mated.
Our BMA jack connector PE45328 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
22
GHz
VSWR
1.27:1
Insertion Loss
0.14
dB
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,500
Vrms
Insulation Resistance
5,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: BMA Jack Snap-On Connector Solder/Non-Solder Contact Attachment for RG402, PE-
SR402AL, PE-SR402FL, PE-SR402FLJ, PE-SR402TN PE45328
PE45328 REV 1.0
BMA Jack Snap-On Connector Solder/Non-Solder
Contact Attachment for RG402, PE-SR402AL, PE-
SR402FL, PE-SR402FLJ, PE-SR402TN
RF Connectors Technical Data Sheet
PE45328


Similar Part No. - PE45328

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4532 PASTERNACK-PE4532 Datasheet
212Kb / 2P
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4532 PASTERNACK-PE4532 Datasheet
344Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE45320 PASTERNACK-PE45320 Datasheet
442Kb / 5P
BMA Jack Snap-On Connector Crimp/Solder Attachment for RG142, RG223, RG400, RG55
PE45321 PASTERNACK-PE45321 Datasheet
466Kb / 5P
BMA Jack Slide-On Connector Crimp/Solder Attachment 2 Hole Flange Mount for RG316, RG188, RG174, LMR-100A, PE-C100-LSZH
PE45322 PASTERNACK-PE45322 Datasheet
433Kb / 5P
BMA Jack Slide-On Connector Solder/Non-Solder Contact Attachment 2 Hole Flange Mount for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
More results

Similar Description - PE45328

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44695 PASTERNACK-PE44695 Datasheet
895Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44715 PASTERNACK-PE44715 Datasheet
855Kb / 3P
TNC Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44691 PASTERNACK-PE44691 Datasheet
267Kb / 2P
SMA Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44701 PASTERNACK-PE44701 Datasheet
858Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44705 PASTERNACK-PE44705 Datasheet
864Kb / 2P
N Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44709 PASTERNACK-PE44709 Datasheet
875Kb / 2P
TNC Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44713 PASTERNACK-PE44713 Datasheet
868Kb / 2P
TNC Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE45314 PASTERNACK-PE45314 Datasheet
386Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Solder Non-Solder Contact Attachment for RG402, PE-SR402AL PE-SR402FL, PE-SR402FLJ, PE-SR402TN
PE45326 PASTERNACK-PE45326 Datasheet
435Kb / 5P
BMA Jack Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, PE-SR402TN, Gold Plated
PE45327 PASTERNACK-PE45327 Datasheet
436Kb / 5P
BMA Jack Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG402, PE-SR402AL, PESR402FL, PE-SR402FLJ, PE-SR402TN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com