Electronic Components Datasheet Search
  English  ▼

X  

PE45336 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45336
Description  BMA Plug Slide-On Connector Solder Attachment Thru Hole PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45336 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45336 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45336 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45336 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Mating Cycles
1,000 Cycles
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
51.18µ in. minimum
Insulation
PTFE
Outer Conductor
Stainless Steel
Gold
Body
Stainless Steel
Gold
19.68µ in. minimum
Gasket
Silicone Rubber
.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
BMA Plug Slide-On Connector Solder Attachment Thru Hole PCB from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BMA Plug Slide-On Connector Solder Attachment Thru Hole PCB PE45336
URL: https://www.pasternack.com/bma-plug-slide-on-thru-hole-pcb-connector-pe45336-p.aspx
PE45336 REV 1.0
RF Connectors Technical Data Sheet
PE45336
BMA Plug Slide-On Connector Solder Attachment Thru Hole PCB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com