Electronic Components Datasheet Search
  English  ▼

X  

PE45336 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45336
Description  BMA Plug Slide-On Connector Solder Attachment Thru Hole PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45336 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45336 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45336 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45336 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• Slide-On BMA Plug Connector
• 50 Ohms
• Straight Body Geometry
• Thru Hole Interface Type
• Solder Attachment
Features
• Max. Operating Frequency 22 GHz
• Gold Plated Beryllium Copper Contact
• 51.18µ in. minimum contact plating
• Blind Mate Connector
• Low-Engagement Force
Applications
• General Purpose Test
• PCB Applications
• Blind Mating
• Rack and Panel
• Phased Array Systems
• Base Stations
• RF Backplanes
• Test I/O
.
Description
Pasternack’s PE45336 BMA plug slide-on connector with solder attachment for thru hole PCB is part of our full line of RF
components available for same-day shipping. Our BMA plug connector operates up to a maximum frequency of 22 GHz. The
Pasternack blind mate connector is ideal for applications where direct visual or tactile access to the connection point is not
possible, for example, when two circuit boards need to be mated.
Our BMA plug connector PE45336 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
22
GHz
Operating Voltage (AC)
350
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
0.5 in [12.7 mm]
Width/Dia.
0.25 in [6.35 mm]
Height
0.25 in [6.35 mm]
.
Weight
0.003 lbs [1.36 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BMA Plug Slide-On Connector Solder Attachment Thru Hole PCB PE45336
PE45336 REV 1.0
BMA Plug Slide-On Connector Solder Attachment Thru Hole PCB
RF Connectors Technical Data Sheet
PE45336


Similar Part No. - PE45336

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4533 PASTERNACK-PE4533 Datasheet
292Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Stub Terminal, .500 inch Hole Spacing
PE4533 PASTERNACK-PE4533 Datasheet
324Kb / 3P
SMA Female Connector Solder Attachment
PE45330 PASTERNACK-PE45330 Datasheet
437Kb / 5P
BMA Jack Right Angle Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PESR405AL, PE-SR405FL, PE-SR405FLJ, Gold Body
PE45331 PASTERNACK-PE45331 Datasheet
435Kb / 5P
BMA Jack Right Angle Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
PE45332 PASTERNACK-PE45332 Datasheet
436Kb / 5P
BMA Jack Right Angle Slide-On Connector Crimp/Solder Attachment 2 Hole Flange Mount for RG142, RG223, RG400, RG55
More results

Similar Description - PE45336

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44649B PASTERNACK-PE44649B Datasheet
287Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, White Color
PE4559 PASTERNACK-PE4559_16 Datasheet
324Kb / 4P
MCX Plug Connector Solder Attachment Thru Hole PCB
PE45315 PASTERNACK-PE45315 Datasheet
455Kb / 5P
BMA Plug Bulkhead Mount Slide-On Connector Crimp/Solder Attachment for RG178, RG196
PE45333 PASTERNACK-PE45333 Datasheet
420Kb / 4P
BMA Plug Right Angle Slide-On Connector Solder Attachment Surface Mount PCB
PE45335 PASTERNACK-PE45335 Datasheet
363Kb / 4P
BMA Plug Slide-On Connector Solder Attachment Thru Hole PCB, Extended Version
PE45337 PASTERNACK-PE45337 Datasheet
363Kb / 3P
BMA Jack Slide-On Connector Solder Attachment Thru Hole PCB
PE45338 PASTERNACK-PE45338 Datasheet
364Kb / 3P
BMA Jack Slide-On Connector Solder Attachment Surface Mount PCB
PE45339 PASTERNACK-PE45339 Datasheet
366Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
PE45344 PASTERNACK-PE45344 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE45355 PASTERNACK-PE45355 Datasheet
356Kb / 3P
BMA Plug Right Angle Connector Solder Attachment Thru Hole PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com