Electronic Components Datasheet Search
  English  ▼

X  

PE45352 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45352
Description  BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Extended Contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45352 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45352 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45352 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45352 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45352 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Weight
0.007 lbs [3.18 g]
.
Mating Cycles
1,000 Cycles
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
51.18µ in. minimum
Insulation
PTFE
Body
Stainless Steel
Gold
19.68µ in. minimum
Gasket
Aluminum Alloy
.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Hermetic Seal
1E-8 atm. cm³/s (Helium)
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Extended Contact from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Extended Contact PE45352
URL: https://www.pasternack.com/bma-plug-slide-on-connector-pe45352-p.aspx
PE45352 REV 1.0
RF Connectors Technical Data Sheet
PE45352
BMA Plug Slide-On Hermetically Sealed Thread-
In Mount, With Extended Contact



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com