Electronic Components Datasheet Search
  English  ▼

X  

PE45352 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45352
Description  BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Extended Contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45352 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45352 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45352 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45352 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45352 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Slide-On BMA Plug Connector
• 50 Ohms
• Straight Body Geometry
• Thread-In
Features
• Max. Operating Frequency 22 GHz
• Excellent VSWR of 1.25:1
• Gold Plated Beryllium Copper Contact
• 51.18µ in. minimum contact plating
• Blind Mate Connector
• Hermetically Sealed
• Low-Engagement Force
Applications
• General Purpose Test
• Blind Mating
• Rack and Panel
• Phased Array Systems
• Base Stations
• RF Backplanes
• Test I/O
.
Description
Pasternack’s PE45352 BMA plug slide-on thread-in mount hermetically sealed connector with none attachment is part of our
full line of RF components available for same-day shipping. Our BMA plug connector operates up to a maximum frequency of
22 GHz and offers excellent VSWR of 1.25:1. The Pasternack blind mate connector is ideal for applications where direct visual
or tactile access to the connection point is not possible, for example, when two circuit boards need to be mated.
Our BMA plug thread-in connector PE45352 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
22
GHz
VSWR
1.25:1
Insertion Loss
0.32
dB
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,500
Vrms
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
0.47 in [11.94 mm]
Width/Dia.
0.25 in [6.35 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Extended Contact PE45352
PE45352 REV 1.0
BMA Plug Slide-On Hermetically Sealed Thread-
In Mount, With Extended Contact
RF Connectors Technical Data Sheet
PE45352


Similar Part No. - PE45352

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4535 PASTERNACK-PE4535 Datasheet
300Kb / 3P
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
PE4535 PASTERNACK-PE4535 Datasheet
227Kb / 3P
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
PE45350 PASTERNACK-PE45350 Datasheet
427Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, Gold Plated
PE45351 PASTERNACK-PE45351 Datasheet
427Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount
PE45353 PASTERNACK-PE45353 Datasheet
386Kb / 3P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Auxiliary Contact
More results

Similar Description - PE45352

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45335 PASTERNACK-PE45335 Datasheet
363Kb / 4P
BMA Plug Slide-On Connector Solder Attachment Thru Hole PCB, Extended Version
PE45350 PASTERNACK-PE45350 Datasheet
427Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, Gold Plated
PE45351 PASTERNACK-PE45351 Datasheet
427Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount
PE45353 PASTERNACK-PE45353 Datasheet
386Kb / 3P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Auxiliary Contact
PE45354 PASTERNACK-PE45354 Datasheet
427Kb / 4P
BMA Jack Slide-On Hermetically Sealed Thread-In Mount
PE91395 PASTERNACK-PE91395 Datasheet
356Kb / 4P
Slide-On BMA Jack to BMA Jack Slide-On Adapter
PE91396 PASTERNACK-PE91396 Datasheet
360Kb / 4P
Slide-On BMA Plug to SMA Male Adapter
PE91398 PASTERNACK-PE91398 Datasheet
361Kb / 4P
Slide-On BMA Plug to SMA Female Adapter
PE91401 PASTERNACK-PE91401 Datasheet
358Kb / 4P
Bulkhead Mount Slide-On BMA Plug to SMA Male Adapter
PE91402 PASTERNACK-PE91402 Datasheet
358Kb / 4P
Bulkhead Mount Slide-On BMA Plug to SMA Female Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com