Electronic Components Datasheet Search
  English  ▼

X  

PE45355 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45355
Description  BMA Plug Right Angle Connector Solder Attachment Thru Hole PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45355 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45355 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45355 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45355 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Weight
0.011 lbs [4.99 g]
.
Mating Cycles
500 Cycles
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
31.49µ in. minimum
Insulation
PTFE
Body
Stainless Steel
Gold
19.68µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
BMA Plug Right Angle Connector Solder Attachment Thru Hole PCB from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BMA Plug Right Angle Connector Solder Attachment Thru Hole PCB PE45355
URL: https://www.pasternack.com/bma-plug-thru-hole-pcb-connector-pe45355-p.aspx
PE45355 REV 1.0
RF Connectors Technical Data Sheet
PE45355
BMA Plug Right Angle Connector Solder
Attachment Thru Hole PCB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com