Electronic Components Datasheet Search
  English  ▼

X  

PE45355 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45355
Description  BMA Plug Right Angle Connector Solder Attachment Thru Hole PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45355 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45355 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45355 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45355 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BMA Plug Connector
• 50 Ohms
• Right Angle Body Geometry
• Thru Hole Interface Type
• Solder Attachment
Features
• Max. Operating Frequency 22 GHz
• Excellent VSWR of 1.25:1
• Gold Plated Brass Contact
• 31.49µ in. minimum contact plating
• Blind Mate Connector
Applications
• General Purpose Test
• PCB Applications
.
Description
Pasternack’s PE45355 BMA plug right angle connector with solder attachment for thru hole PCB is part of our full line of RF
components available for same-day shipping. Our BMA plug connector operates up to a maximum frequency of 22 GHz and
offers excellent VSWR of 1.25:1. The Pasternack blind mate connector is ideal for applications where direct visual or tactile
access to the connection point is not possible, for example, when two circuit boards need to be mated. Its right angle body
geometry allows for easier connections in tight spaces.
Our BMA plug right angle connector PE45355 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
22
GHz
VSWR
1.25:1
Insertion Loss
3.75
dB
Operating Voltage (AC)
350
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
0.6 in [15.24 mm]
Width/Dia.
0.25 in [6.35 mm]
Height
0.68 in [17.27 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BMA Plug Right Angle Connector Solder Attachment Thru Hole PCB PE45355
PE45355 REV 1.0
BMA Plug Right Angle Connector Solder
Attachment Thru Hole PCB
RF Connectors Technical Data Sheet
PE45355


Similar Part No. - PE45355

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4535 PASTERNACK-PE4535 Datasheet
300Kb / 3P
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
PE4535 PASTERNACK-PE4535 Datasheet
227Kb / 3P
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
PE45350 PASTERNACK-PE45350 Datasheet
427Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, Gold Plated
PE45351 PASTERNACK-PE45351 Datasheet
427Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount
PE45352 PASTERNACK-PE45352 Datasheet
428Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Extended Contact
More results

Similar Description - PE45355

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44651A PASTERNACK-PE44651A Datasheet
291Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Black Color
PE44651D PASTERNACK-PE44651D Datasheet
223Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PE44651H PASTERNACK-PE44651H Datasheet
223Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Violet Color
PE44651I PASTERNACK-PE44651I Datasheet
290Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Beige Color
PE44651K PASTERNACK-PE44651K Datasheet
291Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Curry Color
PE4245 PASTERNACK-PE4245 Datasheet
347Kb / 3P
SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB
PE45335 PASTERNACK-PE45335 Datasheet
363Kb / 4P
BMA Plug Slide-On Connector Solder Attachment Thru Hole PCB, Extended Version
PE45336 PASTERNACK-PE45336 Datasheet
361Kb / 3P
BMA Plug Slide-On Connector Solder Attachment Thru Hole PCB
PE45337 PASTERNACK-PE45337 Datasheet
363Kb / 3P
BMA Jack Slide-On Connector Solder Attachment Thru Hole PCB
PE45379 PASTERNACK-PE45379 Datasheet
433Kb / 4P
SSMC Plug Right Angle Connector Solder Attachment Thru Hole PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com