Electronic Components Datasheet Search
  English  ▼

X  

PE45358 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45358
Description  N Male Right Angle Connector Clamp/Solder Attachment for 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45358 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45358 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45358 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45358 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
N Male Right Angle Connector Clamp/Solder Attachment for 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Right Angle Connector Clamp/Solder Attachment for 1/2 inch Annular, 1/2 inch Flexible,
PE-1/2FAC PE45358
URL:
PE45358 REV 1.0
RF Connectors Technical Data Sheet
PE45358
N Male Right Angle Connector Clamp/Solder Attachment
for 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com